Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC846A Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

BC846A Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # BC846A
Download  BC846A Download

File Size   307.88 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description BC846A

BC846A Datasheet (PDF)

Go To PDF Page Download Datasheet
BC846A Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # BC846A
Download  BC846A Click to download

File Size   307.88 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description BC846A

BC846A Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

BC846A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC846A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC846A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH

BC846A Product details

FEATURES

• Collect current : 0.1A

• General Purpose Transistor NPN Type

• RoHS compliant product

• Operating Temp. : -55OC ~ +150OC



 




Similar Part No. - BC846A

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BC846A BILIN-BC846A Datasheet
220Kb / 6P
   NPN general purpose Transistor
logo
NXP Semiconductors
BC846A PHILIPS-BC846A Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Diodes Incorporated
BC846A DIODES-BC846A Datasheet
277Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 21 - 2
logo
Nexperia B.V. All right...
BC846A NEXPERIA-BC846A Datasheet
221Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 1 July 2022
logo
Shenzhen Jin Yu Semicon...
BC846A HTSEMI-BC846A Datasheet
1Mb / 4P
   TRANSISTOR (NPN)
More results





Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com