Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBV805S Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

RBV805S Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # RBV805S
Download  RBV805S Download

File Size   392.38 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Molding Single-Phase Bridge Rectifier

RBV805S Datasheet (PDF)

Go To PDF Page Download Datasheet
RBV805S Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # RBV805S
Download  RBV805S Click to download

File Size   392.38 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Molding Single-Phase Bridge Rectifier

RBV805S Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

RBV805S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH RBV805S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH

RBV805S Product details

100 V ~ 1000 V 10.0 Amp High Current Glass Passivated Molding Single-Phase Bridge Rectifier



FEATURES

Plastic Package has Underwriters

   Laboratory Flammability Classification 94V-0

This Series is UL listed under the Recognized Component index, file number E231047

Single-in-line package

High current capacity with small package

Superior thermal conductivity

High temperature soldering guaranted:260°C / 10 seconds

High IFSM




Similar Part No. - RBV805S

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RBV800 EIC-RBV800 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
SynSemi, Inc.
RBV800 SYNSEMI-RBV800 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
RBV800 EIC-RBV800 Datasheet
50Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
RBV800 NJSEMI-RBV800 Datasheet
155Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
RBV800 EIC-RBV800 Datasheet
98Kb / 2P
   SILICON BRIDGE RECTIFIERS
Rev. 05 : May 6, 2013
More results


Similar Description - RBV805S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
D5SB10 SECOS-D5SB10 Datasheet
392Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU15B SECOS-GBU15B Datasheet
373Kb / 2P
   Molding Single-Phase Bridge Rectifier
D4SB10 SECOS-D4SB10 Datasheet
332Kb / 2P
   Molding Single-Phase Bridge Rectifier
D20SB10 SECOS-D20SB10 Datasheet
398Kb / 2P
   Molding Single-Phase Bridge Rectifier
D3SB10 SECOS-D3SB10 Datasheet
478Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU6A SECOS-GBU6A Datasheet
201Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU10B SECOS-GBU10B Datasheet
330Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU25005 SECOS-GBU25005 Datasheet
273Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBPC3501 SECOS-GBPC3501 Datasheet
345Kb / 2P
   Molding Single-Phase Bridge Rectifier
D15SB10 SECOS-D15SB10 Datasheet
516Kb / 2P
   Molding Single-Phase Bridge Rectifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com