Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKE10B-15 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

DKE10B-15 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # DKE10B-15
Download  DKE10B-15 Download

File Size   184.35 Kbytes
Page   1 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 10W DC-DC Regulated Dual Output Converter

DKE10B-15 Datasheet (PDF)

Go To PDF Page Download Datasheet
DKE10B-15 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # DKE10B-15
Download  DKE10B-15 Click to download

File Size   184.35 Kbytes
Page   1 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 10W DC-DC Regulated Dual Output Converter

DKE10B-15 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.

DKE10B-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd.

DKE10B-15 Product details

Features :
• 2:1 wide input range
• 4:1 wide input range(option)
• 1000VDC I/O isolation
• 3000VDC I/O isolation(option)
• Built-in EMI filter
• Protections: Short circuit / Overload
• Cooling by free air convection
• Six-sided shield metal case
• 100% burn-in test
• Low cost / High reliability
• Approvals: FCC / CE
• 2 years warranty




Similar Part No. - DKE10B-15

ManufacturerPart #DatasheetDescription
logo
Vaisala
DKE110F VAISALA-DKE110F Datasheet
624Kb / 2P
   Guyed Frangible Mast DKE110F
logo
Mean Well Enterprises C...
DKE15 MEANWELL-DKE15 Datasheet
166Kb / 1P
   15W DC-DC Regulated Dual Output Converter
DKE15A-05 MEANWELL-DKE15A-05 Datasheet
166Kb / 1P
   15W DC-DC Regulated Dual Output Converter
DKE15A-12 MEANWELL-DKE15A-12 Datasheet
166Kb / 1P
   15W DC-DC Regulated Dual Output Converter
DKE15A-15 MEANWELL-DKE15A-15 Datasheet
166Kb / 1P
   15W DC-DC Regulated Dual Output Converter
More results


Similar Description - DKE10B-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NSD10-D MEANWELL-NSD10-D Datasheet
572Kb / 2P
   10W DC-DC Regulated Dual Output
NSD10-D MEANWELL-NSD10-D_11 Datasheet
246Kb / 2P
   10W DC-DC Regulated Dual Output
NSD10-D MEANWELL-NSD10-D_10 Datasheet
246Kb / 2P
   10W DC-DC Regulated Dual Output
SKE10 MEANWELL-SKE10 Datasheet
179Kb / 1P
   10W DC-DC Regulated Single Output Converter
logo
Microdc power Technolog...
10A-ZMD MICRODC-10A-ZMD Datasheet
434Kb / 3P
   10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Mean Well Enterprises C...
NSD10-S MEANWELL-NSD10-S_10 Datasheet
212Kb / 2P
   10W DC-DC Regulated Single Output
NSD10-S MEANWELL-NSD10-S_11 Datasheet
212Kb / 2P
   10W DC-DC Regulated Single Output
logo
MORNSUN Science& Techno...
VRA1205LD-20W MORNSUN-VRA1205LD-20W Datasheet
531Kb / 4P
   REGULATED DUAL OUTPUT DC-DC CONVERTER
logo
Chinfa Electronics Ind....
IDD10-03S1U CHINFA-IDD10-03S1U_10 Datasheet
391Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE DELTA-S24SE_14 Datasheet
638Kb / 13P
   10W Single/Dual Output DC/DC Converter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com