Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD1000 Datasheet (PDF) - Semtech Corporation

DD1000 Datasheet PDF - Semtech Corporation
Part # DD1000
Download  DD1000 Download

File Size   93.63 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description FAST RECOVERY HIGH VOLTAGE SILICON RECTIFIERS

DD1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
DD1000 Datasheet PDF - Semtech Corporation

Part # DD1000
Download  DD1000 Click to download

File Size   93.63 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description FAST RECOVERY HIGH VOLTAGE SILICON RECTIFIERS

DD1000 Datasheet (HTML) - Semtech Corporation

DD1000 Datasheet HTML 1Page - Semtech Corporation DD1000 Datasheet HTML 2Page - Semtech Corporation

DD1000 Product details

Fast Recovery High Voltage Silicon Rectifiers

Nominal current  20mA
Repetitive           3000 to 18000V
reverse voltage

Higher Voltage upon requested




Similar Part No. - DD1000

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DD1000 DIOTEC-DD1000 Datasheet
127Kb / 2P
   Fast Switching High Voltage Si-Rectifiers
DD1000 DIOTEC-DD1000 Datasheet
58Kb / 2P
   Fast Switching High Voltage Si-Rectifiers Schnelle Si-Hochspannungs-Gleichrichter
DD1000 DIOTEC-DD1000 Datasheet
133Kb / 2P
   Fast Recovery High Voltage Rectifier Diodes
logo
DONGGUAN YOU FENG WEI E...
DD1000 YFWDIODE-DD1000 Datasheet
351Kb / 2P
   Fast recovery high voltage diodes
logo
Infineon Technologies A...
DD1000S33HE3 INFINEON-DD1000S33HE3 Datasheet
402Kb / 7P
   IHM-B Modul / IHM-B module
2010-07-16 revision:2.3
More results


Similar Description - DD1000

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
CS57-04A FUJI-CS57-04A Datasheet
32Kb / 2P
   Fast Recovery High Voltage Silicon Rectifiers
logo
Electronic devices inc.
RVF EDI-RVF Datasheet
45Kb / 2P
   FAST RECOVERY - HIGH VOLTAGE HIGH CURRENT SILICON RECTIFIERS
DL1200 EDI-DL1200 Datasheet
37Kb / 2P
   FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
DR300 EDI-DR300 Datasheet
45Kb / 2P
   FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
logo
Bytes
R1200F BYTES-R1200F Datasheet
154Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
R1200F GWSEMI-R1200F Datasheet
68Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
R1500F DGNJDZ-R1500F Datasheet
283Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
GR15-G-2 EIC-GR15-G-2 Datasheet
435Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
R3000F LRC-R3000F_15 Datasheet
339Kb / 7P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Jinan Gude Electronic D...
R1200F JGD-R1200F Datasheet
128Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com