Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1517-5 Datasheet (PDF) - Semtech Corporation

SC1517-5 Datasheet PDF - Semtech Corporation
Part # SC1517-5
Download  SC1517-5 Download

File Size   111.8 Kbytes
Page   10 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description MICROPOWER, REGULATED 5V CHARGE PUMP

SC1517-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1517-5 Datasheet PDF - Semtech Corporation

Part # SC1517-5
Download  SC1517-5 Click to download

File Size   111.8 Kbytes
Page   10 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description MICROPOWER, REGULATED 5V CHARGE PUMP

SC1517-5 Datasheet (HTML) - Semtech Corporation

SC1517-5 Datasheet HTML 1Page - Semtech Corporation SC1517-5 Datasheet HTML 2Page - Semtech Corporation SC1517-5 Datasheet HTML 3Page - Semtech Corporation SC1517-5 Datasheet HTML 4Page - Semtech Corporation SC1517-5 Datasheet HTML 5Page - Semtech Corporation SC1517-5 Datasheet HTML 6Page - Semtech Corporation SC1517-5 Datasheet HTML 7Page - Semtech Corporation SC1517-5 Datasheet HTML 8Page - Semtech Corporation SC1517-5 Datasheet HTML 9Page - Semtech Corporation SC1517-5 Datasheet HTML 10Page - Semtech Corporation

SC1517-5 Product details

DESCRIPTION

The SC1517-5 is pin compatible with LTC1517-5. This versatile charge pump produces a regulated 5V output from an input voltage ranging from 2.7V to 5V. The Extremely low operating current (typically 10µA with no load) prolongs battery usage time. The small device footprint and the low external parts count (one 0.1µF flying capacitor and two small bypass capacitors at VIN and VOUT) make the part ideally suited for compact circuit design.



FEATURES

• Ultra low power: ICC = 10µA typ

• Soft start / Short circuit Current limit

• Thermal protected

• 5V±4% Regulated output

• VIN Range: 2.7V to 5V

• Output current:

   10mA (VIN >  2.7V)

   20mA (VIN>  3V)

• No inductors

• Ultra small application circuit

• 800kHz switching frequency

• Surface mount packaging (5 pin SOT-23)

• All specifications rated over full temperature range (-40°C to 85°C)



APPLICATIONS

• Cellular telephones

• Battery-operated equipment

• Local power supplies

• Handheld instruments

• PCMCIA supplies




Similar Part No. - SC1517-5

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SC151 NJSEMI-SC151 Datasheet
155Kb / 3P
   Bi-Directional Tried* Thy ristor
More results


Similar Description - SC1517-5

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
   MicroPower??Regulated Charge Pump
AAT3111 ANALOGICTECH-AAT3111 Datasheet
543Kb / 16P
   MicroPower??Regulated Charge Pump
logo
Linear Technology
LTC3221-5 LINER-LTC3221-5_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
logo
Advanced Analog Technol...
AAT3110 AAT-AAT3110 Datasheet
284Kb / 20P
   MicroPower??Regulated Charge Pump
logo
Linear Technology
LTC3221 LINER-LTC3221_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
LTC3221-3.3 LINER-LTC3221-3.3_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
LTC1522 LINER-LTC1522_15 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
logo
Silicon Standard Corp.
SS6845G SSC-SS6845G Datasheet
1Mb / 13P
   Regulated 5V Charge Pump
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com