Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD2062FJ Datasheet (PDF) - Rohm

BD2062FJ Datasheet PDF - Rohm
Part # BD2062FJ
Download  BD2062FJ Download

File Size   331.94 Kbytes
Page   17 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 2ch High Side Switch ICs for USB Devices and Memory Cards

BD2062FJ Datasheet (PDF)

Go To PDF Page Download Datasheet
BD2062FJ Datasheet PDF - Rohm

Part # BD2062FJ
Download  BD2062FJ Click to download

File Size   331.94 Kbytes
Page   17 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 2ch High Side Switch ICs for USB Devices and Memory Cards

BD2062FJ Datasheet (HTML) - Rohm

Back Button BD2062FJ Datasheet HTML 1Page - Rohm BD2062FJ Datasheet HTML 2Page - Rohm BD2062FJ Datasheet HTML 3Page - Rohm BD2062FJ Datasheet HTML 4Page - Rohm BD2062FJ Datasheet HTML 5Page - Rohm BD2062FJ Datasheet HTML 6Page - Rohm BD2062FJ Datasheet HTML 7Page - Rohm BD2062FJ Datasheet HTML 8Page - Rohm BD2062FJ Datasheet HTML 9Page - Rohm BD2062FJ Datasheet HTML 10Page - Rohm Next Button 

BD2062FJ Product details

Description
High side switch for USB is a high side switch having over-current protection used in power supply line of universal serial bus (USB). Its switch unit has two channels of N-channel power MOSFET. And, over-current detection circuit, thermal shutdown circuit, under-voltage lockout and soft-start circuit are built in.

Features
1) Dual N-MOS High Side Switch
2) Current Limit Threshold 2.4A
3) Control Input Logic
   Active-Low : BD2062FJ
   Active-High : BD2066FJ
4) Soft-Start Circuit
5) Over-Current Detection
6) Thermal Shutdown
7) Under-Voltage Lockout
8) Open-Drain Error Flag Output
9) Reverse Current Protection When Switch Off
10) Flag Output Delay Filter Built In
11) Power Supply Voltage Range 2.7V~5.5V
12) TTL Enable Input
13) 0.8ms Typical Rise Time
14) 1μA Max Standby Current

Applications
   PC, PC peripheral USB hub in consumer appliances, Car accessory, and so forth




Similar Part No. - BD2062FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2062FJ ROHM-BD2062FJ Datasheet
121Kb / 5P
   High side switch IC
BD2062FJ ROHM-BD2062FJ Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
BD2062FJ-E2 ROHM-BD2062FJ-E2 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
BD2062FJ-LB ROHM-BD2062FJ-LB Datasheet
535Kb / 25P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2062FJ-LBE2 ROHM-BD2062FJ-LBE2 Datasheet
535Kb / 25P
   2ch High Side Switch ICs for USB Devices and Memory Cards
More results


Similar Description - BD2062FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2062FJ-LB ROHM-BD2062FJ-LB Datasheet
535Kb / 25P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2046AFJ ROHM-BD2046AFJ_11 Datasheet
394Kb / 14P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD6512F ROHM-BD6512F_11 Datasheet
413Kb / 21P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82061FVJ ROHM-BD82061FVJ_11 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2045AFJ ROHM-BD2045AFJ_11 Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com