Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4123 Datasheet (PDF) - Micro Commercial Components

1N4123 Datasheet PDF - Micro Commercial Components
Part # 1N4123
Download  1N4123 Download

File Size   265.53 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500mW Silicon Zener Diodes

1N4123 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4123 Datasheet PDF - Micro Commercial Components

Part # 1N4123
Download  1N4123 Click to download

File Size   265.53 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500mW Silicon Zener Diodes

1N4123 Datasheet (HTML) - Micro Commercial Components

1N4123 Datasheet HTML 1Page - Micro Commercial Components 1N4123 Datasheet HTML 2Page - Micro Commercial Components 1N4123 Datasheet HTML 3Page - Micro Commercial Components 1N4123 Datasheet HTML 4Page - Micro Commercial Components 1N4123 Datasheet HTML 5Page - Micro Commercial Components

1N4123 Product details

Features

• Zener Voltage Range = 1.8V to 47V

• Double Slug Type Construction

• Metallurgical Bonded Construction

• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)

• Moisture Sensitivity: Level 1



 




Similar Part No. - 1N4123

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4123 CDI-DIODE-1N4123 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Microsemi Corporation
1N4123 MICROSEMI-1N4123 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4123 MICROSEMI-1N4123 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
1N4123 MICROSEMI-1N4123 Datasheet
111Kb / 2P
   LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS
logo
Jinan Gude Electronic D...
1N4123 JGD-1N4123 Datasheet
181Kb / 2P
   500mW LOW NOISE SILION ZENER DIODES
More results


Similar Description - 1N4123

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
MMSZ4678 MCC-MMSZ4678_16 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com