Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC1815-O Datasheet (PDF) - Micro Commercial Components

2SC1815-O Datasheet PDF - Micro Commercial Components
Part # 2SC1815-O
Download  2SC1815-O Download

File Size   389.15 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Epitaxial Transistor

2SC1815-O Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC1815-O Datasheet PDF - Micro Commercial Components

Part # 2SC1815-O
Download  2SC1815-O Click to download

File Size   389.15 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Epitaxial Transistor

2SC1815-O Datasheet (HTML) - Micro Commercial Components

2SC1815-O Datasheet HTML 1Page - Micro Commercial Components 2SC1815-O Datasheet HTML 2Page - Micro Commercial Components 2SC1815-O Datasheet HTML 3Page - Micro Commercial Components

2SC1815-O Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• 2SC1815 is NPN Silicon Epitaxial Transistor Designed for RF, AF
   Amplifier and General Purpose Applications.
• Capable of 0.4Watts of Power Dissipation.
• Collector-current 0.15A
• Collector-base Voltage 60V
• Marking : C1815
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Lead Free Finish/Rohs Compliant ("P"Suffix designates RoHS
   Compliant. See ordering information)
• Operating and storage junction temperature range:-55°C to +125°C




Similar Part No. - 2SC1815-O

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC1815-O MCC-2SC1815-O Datasheet
480Kb / 3P
   NPN Silicon Epitaxial Transistor
logo
Central Semiconductor C...
2SC1815-O CENTRAL-2SC1815-O Datasheet
305Kb / 3P
   SILICON NPN TRANSISTORS
R1 10-May 2018
logo
Micro Commercial Compon...
2SC1815-O MCC-2SC1815-O_13 Datasheet
480Kb / 3P
   NPN Silicon Epitaxial Transistor
More results


Similar Description - 2SC1815-O

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com