Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4115S-Q Datasheet (PDF) - Micro Commercial Components

2SC4115S-Q Datasheet PDF - Micro Commercial Components
Part # 2SC4115S-Q
Download  2SC4115S-Q Download

File Size   75.48 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Plastic-Encapsulate Transistors

2SC4115S-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4115S-Q Datasheet PDF - Micro Commercial Components

Part # 2SC4115S-Q
Download  2SC4115S-Q Click to download

File Size   75.48 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Plastic-Encapsulate Transistors

2SC4115S-Q Datasheet (HTML) - Micro Commercial Components

2SC4115S-Q Datasheet HTML 1Page - Micro Commercial Components 2SC4115S-Q Datasheet HTML 2Page - Micro Commercial Components

2SC4115S-Q Product details

Features
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Power dissipation: PCM = 0.3W(Tamb=25°C)
• Collector current: ICM = 3A
• Collector-base voltage: V(BR)CBO = 40V
• Operating and storage junction temperature range
   TJ, Tstg: -55°C to + 150°C
• Halogen free available upon request by adding suffix "-HF"



Similar Part No. - 2SC4115S-Q

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC4115S-Q MCC-2SC4115S-Q Datasheet
370Kb / 2P
   NPN Plastic-Encapsulate Transistors
2SC4115S-Q MCC-2SC4115S-Q_13 Datasheet
370Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results


Similar Description - 2SC4115S-Q

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
   NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
SHIKUES Electronics
2SC4177 SKTECHNOLGY-2SC4177 Datasheet
681Kb / 3P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
   NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
   NPN Plastic-Encapsulate Transistors
PZTA42 MCC-PZTA42 Datasheet
643Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC4672-P MCC-2SC4672-P_13 Datasheet
654Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC1740S-Q MCC-2SC1740S-Q_13 Datasheet
381Kb / 2P
   NPN Plastic-Encapsulate Transistors
CXT5551 MCC-CXT5551_14 Datasheet
369Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com