Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSP-FSD8DUSB-12V3 Datasheet (PDF) - LUMEX INC.

SSP-FSD8DUSB-12V3 Datasheet PDF - LUMEX INC.
Part # SSP-FSD8DUSB-12V3
Download  SSP-FSD8DUSB-12V3 Download

File Size   47.36 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description 8mm STRIP LED, 3 SPACING, 470mm InGaN.SIC BLUE LED, WATER CLEAR LENS.

SSP-FSD8DUSB-12V3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSP-FSD8DUSB-12V3 Datasheet PDF - LUMEX INC.

Part # SSP-FSD8DUSB-12V3
Download  SSP-FSD8DUSB-12V3 Click to download

File Size   47.36 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description 8mm STRIP LED, 3 SPACING, 470mm InGaN.SIC BLUE LED, WATER CLEAR LENS.

SSP-FSD8DUSB-12V3 Datasheet (HTML) - LUMEX INC.

SSP-FSD8DUSB-12V3 Datasheet HTML 1Page - LUMEX INC.



Similar Part No. - SSP-FSD8DUSB-12V3

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSP-FSD8DUPG-12V3 LUMEX-SSP-FSD8DUPG-12V3 Datasheet
47Kb / 1P
   8mm STRIP LED, 3 SPACING, 525mm InGaN.SIC GREEN LED, WATER CLEAR LENS.
SSP-FSD8DUW-12V3 LUMEX-SSP-FSD8DUW-12V3 Datasheet
45Kb / 1P
   8mm STRIP LED, 3 SPACING, InGaN/SIC WHITE LED, WATER CLEAR LENS.
More results


Similar Description - SSP-FSD8DUSB-12V3

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSP-FSD8DUPG-12V3 LUMEX-SSP-FSD8DUPG-12V3 Datasheet
47Kb / 1P
   8mm STRIP LED, 3 SPACING, 525mm InGaN.SIC GREEN LED, WATER CLEAR LENS.
SSP-FSD8DSI-12V3 LUMEX-SSP-FSD8DSI-12V3 Datasheet
45Kb / 1P
   8mm STRIP LED, 3 SPACING, 636mm AllnGaP RED LED, WATER CLEAR LENS.
SSP-FSD8DUW-12V3 LUMEX-SSP-FSD8DUW-12V3 Datasheet
45Kb / 1P
   8mm STRIP LED, 3 SPACING, InGaN/SIC WHITE LED, WATER CLEAR LENS.
SSP-FSD8DSY-12V3 LUMEX-SSP-FSD8DSY-12V3 Datasheet
45Kb / 1P
   8mm STRIP LED, 3 SPACING, 590mm AllnGaP YELLOW LED, WATER CLEAR LENS.
SSL-LX100133SRC LUMEX-SSL-LX100133SRC Datasheet
386Kb / 1P
   T-3 1/8mm LED, SUPER BRIGHT RED, WATER CLEAR LENS
SSL-LXA227GC-TR11 LUMEX-SSL-LXA227GC-TR11 Datasheet
47Kb / 1P
   Axial Led, Green, Water Clear Lens
logo
List of Unclassifed Man...
SSL-LXA223GC ETC2-SSL-LXA223GC Datasheet
46Kb / 1P
   AXIA LED, GREEN WATER CLEAR LENS
logo
LUMEX INC.
SSL-LX5093SBC LUMEX-SSL-LX5093SBC Datasheet
70Kb / 1P
   QUASARBRITE T-5mm 430nm BLUE LED , WATER CLEAR LENS
logo
Marktech Corporate
LC503MBL1-45Q MARKTECH-LC503MBL1-45Q Datasheet
83Kb / 3P
   Blue 45 5mm LED lamp with Water Clear lens.
logo
LUMEX INC.
SML-LXFP0603USBCTR LUMEX-SML-LXFP0603USBCTR Datasheet
89Kb / 2P
   1.6x0.8x0.2mm ULTRA THIN SMT LED, BLUE, WATER CLEAR LENS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com