Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10114827-001LF Datasheet (PDF) - FCI connector

10114827-001LF Datasheet PDF - FCI connector
Part # 10114827-001LF
Download  10114827-001LF Download

File Size   52.82 Kbytes
Page   1 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description WTB 1.25MM TERMINAL

10114827-001LF Datasheet (PDF)

Go To PDF Page Download Datasheet
10114827-001LF Datasheet PDF - FCI connector

Part # 10114827-001LF
Download  10114827-001LF Click to download

File Size   52.82 Kbytes
Page   1 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description WTB 1.25MM TERMINAL

10114827-001LF Datasheet (HTML) - FCI connector

10114827-001LF Datasheet HTML 1Page - FCI connector



Similar Part No. - 10114827-001LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
10114826 FCI-CONNECTOR-10114826 Datasheet
72Kb / 1P
   SPECIFICATIONS CURRENT RATING 1A AC DC
10114826-00002LF FCI-CONNECTOR-10114826-00002LF Datasheet
2Mb / 2P
   1.25mm Wire-To-Board System
10114826-00008LF FCI-CONNECTOR-10114826-00008LF Datasheet
72Kb / 1P
   SPECIFICATIONS CURRENT RATING 1A AC DC
10114826-X0X02LF FCI-CONNECTOR-10114826-X0X02LF Datasheet
72Kb / 1P
   WTB 1.25MM HOUSING
10114826-X0X03LF FCI-CONNECTOR-10114826-X0X03LF Datasheet
72Kb / 1P
   WTB 1.25MM HOUSING
More results


Similar Description - 10114827-001LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
10114826-X0X02LF FCI-CONNECTOR-10114826-X0X02LF Datasheet
72Kb / 1P
   WTB 1.25MM HOUSING
10114829-XXX02LF FCI-CONNECTOR-10114829-XXX02LF Datasheet
64Kb / 1P
   WTB 1.25MM WAFER 180 DIP
10114828-XXX02LF FCI-CONNECTOR-10114828-XXX02LF Datasheet
73Kb / 1P
   WTB 1.25MM WAFER 180 SMT
logo
AVX Corporation
24-9159 AVX-24-9159 Datasheet
2Mb / 13P
   IDC Socket: WTB
logo
List of Unclassifed Man...
MC34631 ETC2-MC34631 Datasheet
24Kb / 2P
   2.54mm Header - WTB, Vertical
logo
AVX Corporation
14-9159 AVX-14-9159 Datasheet
2Mb / 13P
   IDC Plug: WTB
logo
Molex Electronics Ltd.
502381-0000 MOLEX-502381-0000 Datasheet
455Kb / 2P
   CLIK-Mate SMT WTB Connectors
logo
Harwin Plc
M30-1050046 HARWIN-M30-1050046 Datasheet
82Kb / 1P
   1.25mm FEMALE CRIMP TERMINAL (REELED)
M30-1060046 HARWIN-M30-1060046 Datasheet
66Kb / 1P
   1.25mm FEMALE CRIMP TERMINAL (LOOSE)
logo
AVX Corporation
00-9175 AVX-00-9175 Datasheet
1Mb / 7P
   Standard 26-28 AWG: WTB
More results




About FCI connector


FCI connector is a type of electrical connector produced by FCI (Framatome Connectors International), a manufacturer of connectors and interconnect systems for a variety of industries, including telecommunications, consumer electronics, automotive, industrial, and aerospace.

FCI connectors are designed to provide a reliable and secure electrical connection between two devices or components. They come in a wide range of sizes and configurations to accommodate different applications and requirements, and they are commonly used in printed circuit boards (PCBs), backplanes, and other electronic systems.

Some of the key features of FCI connectors include their durability, high speed and signal integrity, low profile, and ease of installation. They are also designed to withstand harsh environments, such as high temperatures and vibrations.

FCI offers a broad portfolio of connectors, including board-to-board connectors, wire-to-board connectors, input/output (I/O) connectors, and power connectors. The company also provides a range of engineering and design services to help customers develop custom connectors and interconnect solutions for their specific needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com