Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9013-H Datasheet (PDF) - Micro Commercial Components

S9013-H Datasheet PDF - Micro Commercial Components
Part # S9013-H
Download  S9013-H Download

File Size   203.33 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Transistors

S9013-H Datasheet (PDF)

Go To PDF Page Download Datasheet
S9013-H Datasheet PDF - Micro Commercial Components

Part # S9013-H
Download  S9013-H Click to download

File Size   203.33 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Transistors

S9013-H Datasheet (HTML) - Micro Commercial Components

S9013-H Datasheet HTML 1Page - Micro Commercial Components S9013-H Datasheet HTML 2Page - Micro Commercial Components

S9013-H Product details

Features
• TO-92 Plastic-Encapsulate Transistors
• Capable of 0.625Watts(Tamb=25OC) of Power Dissipation.
• Collector-current 0.5A
• Collector-base Voltage 40V
• Operating and storage junction temperature range: -55℃ to +150℃
• Marking Code: S9013
• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
•  Epoxy meets UL 94 V-0 flammability rating
•  Moisure Sensitivity Level 1
​​​​​​​• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - S9013-H

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S9013-H MCC-S9013-H Datasheet
248Kb / 2P
   NPN Silicon Transistors
logo
DONGGUAN YOU FENG WEI E...
S9013-H YFWDIODE-S9013-H Datasheet
534Kb / 3P
   NPN Transistors
More results


Similar Description - S9013-H

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Quanzhou Jinmei Electro...
2SC4278 JMNIC-2SC4278_15 Datasheet
127Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SD1026_2015 JMNIC-2SD1026_2015 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
2N3583 CENTRAL-2N3583_15 Datasheet
344Kb / 2P
   SILICON NPN TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com