Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMLD-36130IZ Datasheet (PDF) - AIMTEC

AMLD-36130IZ Datasheet PDF - AIMTEC
Part # AMLD-36130IZ
Download  AMLD-36130IZ Download

File Size   941.35 Kbytes
Page   13 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description Up to 2000mA | LED Driver

AMLD-36130IZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AMLD-36130IZ Datasheet PDF - AIMTEC

Part # AMLD-36130IZ
Download  AMLD-36130IZ Click to download

File Size   941.35 Kbytes
Page   13 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description Up to 2000mA | LED Driver

AMLD-36130IZ Datasheet (HTML) - AIMTEC

Back Button AMLD-36130IZ Datasheet HTML 1Page - AIMTEC AMLD-36130IZ Datasheet HTML 2Page - AIMTEC AMLD-36130IZ Datasheet HTML 3Page - AIMTEC AMLD-36130IZ Datasheet HTML 4Page - AIMTEC AMLD-36130IZ Datasheet HTML 5Page - AIMTEC AMLD-36130IZ Datasheet HTML 6Page - AIMTEC AMLD-36130IZ Datasheet HTML 7Page - AIMTEC AMLD-36130IZ Datasheet HTML 8Page - AIMTEC AMLD-36130IZ Datasheet HTML 9Page - AIMTEC AMLD-36130IZ Datasheet HTML 10Page - AIMTEC Next Button 



Similar Part No. - AMLD-36130IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLD-36130IZ AIMTEC-AMLD-36130IZ Datasheet
593Kb / 12P
   Up to 2000mA | LED Driver
More results


Similar Description - AMLD-36130IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLD-IZ AIMTEC-AMLD-IZ_13 Datasheet
580Kb / 12P
   Up to 2000mA | LED Driver
AMLD-IZ AIMTEC-AMLD-IZ_16 Datasheet
593Kb / 12P
   Up to 2000mA | LED Driver
AMER90-Z AIMTEC-AMER90-Z Datasheet
436Kb / 5P
   up to 2000mA | AC-DC LED driver
logo
ams AG
AS3648 AMSCO-AS3648 Datasheet
4Mb / 39P
   2000mA High Current LED Flash Driver
logo
AIMTEC
AMLD-Z AIMTEC-AMLD-Z_16 Datasheet
481Kb / 13P
   Up to 1000mA | LED Driver
AMLD-IZ AIMTEC-AMLD-IZ Datasheet
281Kb / 8P
   Up to 1200mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z Datasheet
310Kb / 14P
   Up to 1000mA | LED Driver
AMLDW-RZ AIMTEC-AMLDW-RZ Datasheet
299Kb / 3P
   Up to 1000mA | LED Driver
AMLDV-NZ AIMTEC-AMLDV-NZ_13 Datasheet
443Kb / 8P
   Up to 700mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z_13 Datasheet
474Kb / 13P
   Up to 1000mA | LED Driver
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com