Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK24 Datasheet (PDF) - Diotec Semiconductor

SK24 Datasheet PDF - Diotec Semiconductor
Part # SK24
Download  SK24 Download

File Size   100.64 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Schottky Rectifier Diodes

SK24 Datasheet (PDF)

Go To PDF Page Download Datasheet
SK24 Datasheet PDF - Diotec Semiconductor

Part # SK24
Download  SK24 Click to download

File Size   100.64 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Schottky Rectifier Diodes

SK24 Datasheet (HTML) - Diotec Semiconductor

SK24 Datasheet HTML 1Page - Diotec Semiconductor SK24 Datasheet HTML 2Page - Diotec Semiconductor

SK24 Product details

• Nominal current                  2 A
• Repetitive peak reverse voltage 20...100 V
• Plastic case 
    ~ SMB
    ~ DO-214AA
• Weight approx.                     0.1 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - SK24

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK24 MCC-SK24 Datasheet
284Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Pan Jit International I...
SK24 PANJIT-SK24 Datasheet
58Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Bytesonic Electronics C...
SK24 BYTESONIC-SK24 Datasheet
249Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SK24 DGNJDZ-SK24 Datasheet
133Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Semikron International
SK24 SEMIKRON-SK24 Datasheet
146Kb / 2P
   Schottky barrier rectifiers diodes
More results


Similar Description - SK24

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK12 DIOTEC-SK12_14 Datasheet
119Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK52 DIOTEC-SK52_14 Datasheet
112Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK82 DIOTEC-SK82_14 Datasheet
113Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SGL34-20 DIOTEC-SGL34-20_11 Datasheet
101Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_11 Datasheet
120Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK420 DIOTEC-SK420 Datasheet
109Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_13 Datasheet
121Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK310SMB DIOTEC-SK310SMB Datasheet
97Kb / 2P
   Surface Mount Schottky Rectifier Diodes
PPS1520 DIOTEC-PPS1520 Datasheet
150Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK12 DIOTEC-SK12_13 Datasheet
119Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK420 DIOTEC-SK420_14 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifier Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com