Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR20GKD2 Datasheet (PDF) - Diotec Semiconductor

FR20GKD2 Datasheet PDF - Diotec Semiconductor
Part # FR20GKD2
Download  FR20GKD2 Download

File Size   134.45 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Superfast Silicon Rectifiers ??Single Diode / Two Polarities

FR20GKD2 Datasheet (PDF)

Go To PDF Page Download Datasheet
FR20GKD2 Datasheet PDF - Diotec Semiconductor

Part # FR20GKD2
Download  FR20GKD2 Click to download

File Size   134.45 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Superfast Silicon Rectifiers ??Single Diode / Two Polarities

FR20GKD2 Datasheet (HTML) - Diotec Semiconductor

FR20GKD2 Datasheet HTML 1Page - Diotec Semiconductor FR20GKD2 Datasheet HTML 2Page - Diotec Semiconductor

FR20GKD2 Product details

Features
   Low forward voltage drop
   Low reverse leakage current
   Two polarities
   High power dissipation
   Compliant to RoHS, REACH,
   Conflict Minerals 1)

Typical Applications
   Rectification of medium frequencies
   Free-wheeling diodes for power tools
   and DC motors; Polarity Protection,
   Solar Bypass diodes
   Commercial grade 1)

Mechanical Data 1)
   Packed in tubes/cardboards 50/1000
   On request: on 13” reel 800
   Weight approx. 1.6 g
   Case material UL 94V-0
   Solder & assembly conditions 245°C/10s
                                                       MSL = 1




Similar Part No. - FR20GKD2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FR20GKD2 DIOTEC-FR20GKD2 Datasheet
165Kb / 2P
   Fast Efficient Rectifier Diodes
More results


Similar Description - FR20GKD2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FT2000AA DIOTEC-FT2000AA Datasheet
114Kb / 2P
   Superfast Silicon Rectifiers - Single Diode / Two Polarities
FT2000AA DIOTEC-FT2000AA_13 Datasheet
124Kb / 2P
   Superfast Silicon Rectifiers - Single Diode / Two Polarities
FT2000AA DIOTEC-FT2000AA_15 Datasheet
124Kb / 2P
   Superfast Silicon Rectifiers-Single Diode / Two Polarities
FT2000AA DIOTEC-FT2000AA_10 Datasheet
123Kb / 2P
   Superfast Silicon Rectifiers - Single Diode / Two Polarities
FR20AYD2 DIOTEC-FR20AYD2 Datasheet
135Kb / 2P
   Superfast Silicon Rectifiers ??Two Anode Pins
UGB8AT DIOTEC-UGB8AT_12 Datasheet
123Kb / 2P
   Superfast Efficient Rectifiers - Single Diode
UFT800A DIOTEC-UFT800A Datasheet
129Kb / 2P
   Superfast Efficient Rectifiers - Single Diode
UFT800A DIOTEC-UFT800A_13 Datasheet
130Kb / 2P
   Superfast Efficient Rectifiers . Single Diode
logo
IXYS Corporation
CLA15E1200NPB IXYS-CLA15E1200NPB Datasheet
172Kb / 5P
   Two Quadrants Operation QI & QII Single Thyristor with two gate polarities
CLA30E1200NPZ IXYS-CLA30E1200NPZ Datasheet
465Kb / 5P
   Two Quadrants Operation QI & QII Single Thyristor with two gate polarities
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com