Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D Datasheet (PDF) - Diotec Semiconductor

S1D Datasheet PDF - Diotec Semiconductor
Part # S1D
Download  S1D Download

File Size   112.58 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Silicon Rectifier Diodes

S1D Datasheet (PDF)

Go To PDF Page Download Datasheet
S1D Datasheet PDF - Diotec Semiconductor

Part # S1D
Download  S1D Click to download

File Size   112.58 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Silicon Rectifier Diodes

S1D Datasheet (HTML) - Diotec Semiconductor

S1D Datasheet HTML 1Page - Diotec Semiconductor S1D Datasheet HTML 2Page - Diotec Semiconductor

S1D Product details

• Nominal current                1 A
• Plastic case                   ~ SMA ~ DO-214AC
• Weight approx.                 0.07 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - S1D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1D PANJIT-S1D Datasheet
74Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Suntan Capacitors
S1D SUNTAN-S1D Datasheet
211Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
EIC discrete Semiconduc...
S1D EIC-S1D Datasheet
52Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Micro Commercial Compon...
S1D MCC-S1D Datasheet
618Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
logo
First Silicon Co., Ltd
S1D FS-S1D Datasheet
364Kb / 2P
   REVERSE VOLTGE 50V~1000V FORWARD CURRENT 1.0AMP Surface Mount Rectifiers
More results


Similar Description - S1D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S3A DIOTEC-S3A_13 Datasheet
106Kb / 2P
   Surface Mount Silicon Rectifier Diodes
SM4001 DIOTEC-SM4001_13 Datasheet
112Kb / 2P
   Surface Mount Silicon Rectifier Diodes
SL1A DIOTEC-SL1A_13 Datasheet
108Kb / 2P
   Surface Mount Silicon Rectifier Diodes
logo
SUNMATE electronic Co.,...
S2AB SUNMATE-S2AB Datasheet
328Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
SA2A SUNMATE-SA2A Datasheet
323Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
SOD4001 SUNMATE-SOD4001 Datasheet
322Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
S1A SUNMATE-S1A Datasheet
383Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
M1-M7 SUNMATE-M1-M7 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
S1AB SUNMATE-S1AB Datasheet
330Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
logo
Diotec Semiconductor
SL1A DIOTEC-SL1A Datasheet
114Kb / 2P
   Surface Mount Silicon Rectifier Diodes
S5A DIOTEC-S5A_13 Datasheet
113Kb / 2P
   Surface Mount Silicon Rectifier Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com