Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM79L18 Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

LM79L18 Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # LM79L18
Download  LM79L18 Download

File Size   235.97 Kbytes
Page   10 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR

LM79L18 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM79L18 Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # LM79L18
Download  LM79L18 Click to download

File Size   235.97 Kbytes
Page   10 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR

LM79L18 Datasheet (HTML) - HTC Korea TAEJIN Technology Co.

LM79L18 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM79L18 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM79L18 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM79L18 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM79L18 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM79L18 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM79L18 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM79L18 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM79L18 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM79L18 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co.

LM79L18 Product details

DESCRIPTION

This series of fixed-voltage monolithic integrated-circuit voltage regulators is designed for a wide range of applications. These applications include on-card regulation for elimination of noise and distribution problems associated with single-point regulation. In addition, they can be used with power-pass elements to make high current voltage regulators.



FEATURES
● Output Current Up to 100mA
● No External Components
● Internal Thermal Overload Protection
● Internal Short-Circuit Limiting
● Output Voltage of 5V, 6V, 8V, 9V, 12V, 15V, 18V and 24V
● Moisture Sensitivity Level 3




Similar Part No. - LM79L18

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM79L18 FCI-LM79L18 Datasheet
395Kb / 6P
   LM79L00 Series 3-Terminal Negative Output voltage Regulators
logo
List of Unclassifed Man...
LM79L18 ETC1-LM79L18 Datasheet
49Kb / 4P
   100mA Negative Voltage Regulator
logo
First Components Intern...
LM79L18 FCI-LM79L18 Datasheet
2Mb / 7P
   LM79L00 Series 3-Terminal Negative Output Voltage Regulators
logo
Boca Semiconductor Corp...
LM79L18ACZ BOCA-LM79L18ACZ Datasheet
246Kb / 6P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
More results


Similar Description - LM79L18

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Boca Semiconductor Corp...
KA79LXXA BOCA-KA79LXXA Datasheet
75Kb / 12P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
MC79LXXA FAIRCHILD-MC79LXXA_10 Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_17 Datasheet
205Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com