Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

344LP3E Datasheet (PDF) - Hittite Microwave Corporation

344LP3E Datasheet PDF - Hittite Microwave Corporation
Part # 344LP3E
Download  344LP3E Download

File Size   423.08 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8 GHz

344LP3E Datasheet (PDF)

Go To PDF Page Download Datasheet
344LP3E Datasheet PDF - Hittite Microwave Corporation

Part # 344LP3E
Download  344LP3E Click to download

File Size   423.08 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8 GHz

344LP3E Datasheet (HTML) - Hittite Microwave Corporation

344LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 344LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 344LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 344LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 344LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 344LP3E Datasheet HTML 6Page - Hittite Microwave Corporation



Similar Part No. - 344LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
344LP3E HITTITE-344LP3E Datasheet
307Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
More results


Similar Description - 344LP3E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC344ALP3E AD-HMC344ALP3E Datasheet
495Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8 GHz
logo
Hittite Microwave Corpo...
HMC344LC3 HITTITE-HMC344LC3_11 Datasheet
392Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8 GHz
HMC344 HITTITE-HMC344_09 Datasheet
152Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8 GHz
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC182S14 HITTITE-HMC182S14_08 Datasheet
204Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
logo
Analog Devices
HMC345ALP3E AD-HMC345ALP3E Datasheet
497Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8 GHz
logo
Hittite Microwave Corpo...
HMC641 HITTITE-HMC641 Datasheet
169Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC244G16 HITTITE-HMC244G16_06 Datasheet
266Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC344LH5 HITTITE-HMC344LH5 Datasheet
304Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 12 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com