Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2575R Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

LM2575R Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # LM2575R
Download  LM2575R Download

File Size   632.31 Kbytes
Page   13 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 1A, 52kHz, Step-Down Switching Regulator

LM2575R Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2575R Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # LM2575R
Download  LM2575R Click to download

File Size   632.31 Kbytes
Page   13 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 1A, 52kHz, Step-Down Switching Regulator

LM2575R Datasheet (HTML) - HTC Korea TAEJIN Technology Co.

Back Button LM2575R Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2575R Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2575R Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2575R Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2575R Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2575R Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2575R Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2575R Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM2575R Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM2575R Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. Next Button 

LM2575R Product details

FEATURES
• 3.3V, 5.0V, 12V, 15V, and Adjustable Output Versions
• Adjustable Version Output Voltage Range, 1.23 to 37V +/- 4% AG10 Maximum Over Line and Load Conditions
• Guaranteed 1A Output Current
• Wide Input Voltage Range
• Requires Only 4 External Components
• 52kHz Fixed Frequency Internal Oscillator
• TTL Shutdown Capability, Low Power Standby Mode
• High Efficiency
• Uses Readily Available Standard Inductors
• Thermal Shutdown and Current Limit Protection
• Moisture Sensitivity Level 3




Similar Part No. - LM2575R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2575 MOTOROLA-LM2575 Datasheet
382Kb / 28P
   EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
logo
ON Semiconductor
LM2575 ONSEMI-LM2575 Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575 ONSEMI-LM2575 Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
logo
Semtech Corporation
LM2575 SEMTECH-LM2575 Datasheet
441Kb / 19P
   1A & 3A Miniconverter Switching Regulators
More results


Similar Description - LM2575R

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
   3.0A, 52kHz, Step-Down Switching Regulator
LM2576 HTC-LM2576_11 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
LM2576HV HTC-LM2576HV Datasheet
592Kb / 7P
   3A, 52kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
LM2576HVS-5.0 TECHPUBLIC-LM2576HVS-5.0 Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com