Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC338 Datasheet (PDF) - Hittite Microwave Corporation

HMC338 Datasheet PDF - Hittite Microwave Corporation
Part # HMC338_09
Download  HMC338 Download

File Size   303.24 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz

HMC338 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC338 Datasheet PDF - Hittite Microwave Corporation

Part # HMC338_09
Download  HMC338 Click to download

File Size   303.24 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz

HMC338 Datasheet (HTML) - Hittite Microwave Corporation

HMC338_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC338_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC338_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC338_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC338_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC338_09 Datasheet HTML 6Page - Hittite Microwave Corporation HMC338_09 Datasheet HTML 7Page - Hittite Microwave Corporation HMC338_09 Datasheet HTML 8Page - Hittite Microwave Corporation



Similar Part No. - HMC338_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC338LC3B HITTITE-HMC338LC3B Datasheet
250Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC338LC3B HITTITE-HMC338LC3B Datasheet
340Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
logo
Analog Devices
HMC338LC3B AD-HMC338LC3B Datasheet
393Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
logo
Hittite Microwave Corpo...
HMC338LC3B HITTITE-HMC338LC3B_09 Datasheet
250Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
More results


Similar Description - HMC338_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC338 AD-HMC338 Datasheet
412Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
logo
Hittite Microwave Corpo...
HMC338 HITTITE-HMC338 Datasheet
295Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
HMC404 HITTITE-HMC404 Datasheet
237Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED IRM MIXER, 26 - 33 GHz
HMC404 HITTITE-HMC404_08 Datasheet
254Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED IRM MIXER, 26 - 33 GHz
logo
Analog Devices
HMC404 AD-HMC404 Datasheet
361Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED IRM MIXER, 26 - 33 GHz
logo
Hittite Microwave Corpo...
HMC339 HITTITE-HMC339_09 Datasheet
307Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
HMC339 HITTITE-HMC339 Datasheet
285Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
HMC330 HITTITE-HMC330 Datasheet
165Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC264 HITTITE-HMC264_08 Datasheet
323Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC330 HITTITE-HMC330_10 Datasheet
213Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com