Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4056 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

2SC4056 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # 2SC4056
Download  2SC4056 Download

File Size   524.44 Kbytes
Page   12 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Switching Power Transistor(8A NPN)

2SC4056 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4056 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # 2SC4056
Download  2SC4056 Click to download

File Size   524.44 Kbytes
Page   12 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Switching Power Transistor(8A NPN)

2SC4056 Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd

Back Button 2SC4056 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SC4056 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SC4056 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SC4056 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SC4056 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SC4056 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SC4056 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SC4056 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SC4056 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd 2SC4056 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd Next Button 

2SC4056 Product details

Switching Power Transistor 8A NPN



Similar Part No. - 2SC4056

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC4056 SAVANTIC-2SC4056 Datasheet
223Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4056 JMNIC-2SC4056 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4056 ISC-2SC4056 Datasheet
129Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4056 SAVANTIC-2SC4056 Datasheet
225Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4056 JMNIC-2SC4056_15 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
More results


Similar Description - 2SC4056

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC4057 SHINDENGEN-2SC4057 Datasheet
513Kb / 12P
   Switching Power Transistor(8A NPN)
2SC4834 SHINDENGEN-2SC4834 Datasheet
428Kb / 9P
   Switching Power Transistor(8A NPN)
2SC4055 SHINDENGEN-2SC4055 Datasheet
523Kb / 12P
   Switching Power Transistor(8A NPN)
2SC4580 SHINDENGEN-2SC4580 Datasheet
432Kb / 10P
   Switching Power Transistor(8A NPN)
2SC4664 SHINDENGEN-2SC4664 Datasheet
418Kb / 9P
   Switching Power Transistor(8A NPN)
2SD1025 SHINDENGEN-2SD1025 Datasheet
540Kb / 8P
   Darlington Transistor(8A NPN)
2SD1024 SHINDENGEN-2SD1024 Datasheet
447Kb / 8P
   Darlington Transistor(8A NPN)
logo
Rohm
2SB1344 ROHM-2SB1344 Datasheet
329Kb / 7P
   POWER TRANSISTOR (-100V, -8A)
logo
SeCoS Halbleitertechnol...
3DD13007 SECOS-3DD13007 Datasheet
151Kb / 2P
   8A , 700V NPN Plastic-Encapsulated Transistor
logo
Toshiba Semiconductor
2SC3886A TOSHIBA-2SC3886A Datasheet
62Kb / 1P
   TRANSISTOR SILICON NPN / 1400V / 8A / 50W
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com