Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4058 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

2SC4058 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # 2SC4058
Download  2SC4058 Download

File Size   522.09 Kbytes
Page   12 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Switching Power Transistor(10A NPN)

2SC4058 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4058 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # 2SC4058
Download  2SC4058 Click to download

File Size   522.09 Kbytes
Page   12 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Switching Power Transistor(10A NPN)

2SC4058 Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd

Back Button 2SC4058 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SC4058 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SC4058 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SC4058 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SC4058 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SC4058 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SC4058 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SC4058 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SC4058 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd 2SC4058 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd Next Button 

2SC4058 Product details

Switching Power Transistor : 10A NPN



Similar Part No. - 2SC4058

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC4058 SAVANTIC-2SC4058 Datasheet
125Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4058 JMNIC-2SC4058 Datasheet
156Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4058 ISC-2SC4058 Datasheet
132Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4058 SAVANTIC-2SC4058 Datasheet
127Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4058 JMNIC-2SC4058_15 Datasheet
156Kb / 3P
   Silicon NPN Power Transistors
More results


Similar Description - 2SC4058

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC4237 SHINDENGEN-2SC4237 Datasheet
516Kb / 12P
   Switching Power Transistor(10A NPN)
2SC4581 SHINDENGEN-2SC4581 Datasheet
443Kb / 10P
   Switching Power Transistor(10A NPN)
2SC4669 SHINDENGEN-2SC4669 Datasheet
404Kb / 9P
   Switching Power Transistor(10A NPN)
2SC4149 SHINDENGEN-2SC4149 Datasheet
396Kb / 8P
   Switching Power Transistor(10A NPN)
2SC4982 SHINDENGEN-2SC4982 Datasheet
401Kb / 8P
   Switching Power Transistor(10A NPN)
2SC4585 SHINDENGEN-2SC4585 Datasheet
437Kb / 10P
   Switching Power Transistor(10A NPN)
2SA1599 SHINDENGEN-2SA1599 Datasheet
397Kb / 8P
   Switching Power Transistor(-10A PNP)
2SA1880 SHINDENGEN-2SA1880 Datasheet
438Kb / 8P
   Switching Power Transistor(-10A PNP)
logo
Rohm
2SCR582D3 ROHM-2SCR582D3 Datasheet
1Mb / 11P
   NPN 10A 30V Power Transistor
logo
Shindengen Electric Mfg...
2SD1793 SHINDENGEN-2SD1793 Datasheet
467Kb / 9P
   Darlington Transistor(10A NPN)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com