Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC565LC5 Datasheet (PDF) - Hittite Microwave Corporation

HMC565LC5 Datasheet PDF - Hittite Microwave Corporation
Part # HMC565LC5_09
Download  HMC565LC5 Download

File Size   226.78 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs SMT PHEMT LOW NOISE AMPLIFIER, 6 - 20 GHz

HMC565LC5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC565LC5 Datasheet PDF - Hittite Microwave Corporation

Part # HMC565LC5_09
Download  HMC565LC5 Click to download

File Size   226.78 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs SMT PHEMT LOW NOISE AMPLIFIER, 6 - 20 GHz

HMC565LC5 Datasheet (HTML) - Hittite Microwave Corporation

HMC565LC5_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC565LC5_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC565LC5_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC565LC5_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC565LC5_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC565LC5_09 Datasheet HTML 6Page - Hittite Microwave Corporation



Similar Part No. - HMC565LC5_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC565LC5TR AD-HMC565LC5TR Datasheet
1Mb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER
HMC565LC5TR-R5 AD-HMC565LC5TR-R5 Datasheet
1Mb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER
More results


Similar Description - HMC565LC5_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC565LC5 HITTITE-HMC565LC5 Datasheet
215Kb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC565 HITTITE-HMC565 Datasheet
313Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz
logo
Analog Devices
HMC565LC5 AD-HMC565LC5 Datasheet
1Mb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC564LC4 HITTITE-HMC564LC4_09 Datasheet
233Kb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
HMC618LP3 HITTITE-HMC618LP3_11 Datasheet
1Mb / 14P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
HMC618ALP3E HITTITE-HMC618ALP3E Datasheet
1Mb / 16P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
HMC564LC4 HITTITE-HMC564LC4 Datasheet
267Kb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
HMC618LP3 HITTITE-HMC618LP3 Datasheet
326Kb / 10P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
logo
Analog Devices
HMC564LC4 AD-HMC564LC4 Datasheet
1Mb / 7P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER
HMC618ALP3E AD-HMC618ALP3E Datasheet
865Kb / 14P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com