Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC621LP4 Datasheet (PDF) - Hittite Microwave Corporation

HMC621LP4 Datasheet PDF - Hittite Microwave Corporation
Part # HMC621LP4
Download  HMC621LP4 Download

File Size   703.91 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description RFIC DOWNCONVERTER SMT, 0.9 - 1.6 GHz

HMC621LP4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC621LP4 Datasheet PDF - Hittite Microwave Corporation

Part # HMC621LP4
Download  HMC621LP4 Click to download

File Size   703.91 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description RFIC DOWNCONVERTER SMT, 0.9 - 1.6 GHz

HMC621LP4 Datasheet (HTML) - Hittite Microwave Corporation

HMC621LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC621LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC621LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC621LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC621LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC621LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC621LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC621LP4 Datasheet HTML 8Page - Hittite Microwave Corporation



Similar Part No. - HMC621LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC620 HITTITE-HMC620 Datasheet
252Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620 HITTITE-HMC620 Datasheet
241Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4 Datasheet
219Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4 Datasheet
203Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4_09 Datasheet
219Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
More results


Similar Description - HMC621LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC623LP4 HITTITE-HMC623LP4 Datasheet
713Kb / 8P
   RFIC DOWNCONVERTER SMT, 1.8 - 2.7 GHz
HMC420QS16 HITTITE-HMC420QS16_10 Datasheet
829Kb / 8P
   CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC420QS16 HITTITE-HMC420QS16 Datasheet
329Kb / 8P
   CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC421QS16 HITTITE-HMC421QS16 Datasheet
278Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
HMC380QS16G HITTITE-HMC380QS16G_06 Datasheet
354Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G_08 Datasheet
245Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com