Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40EPS08 Datasheet (PDF) - Vishay Siliconix

40EPS08 Datasheet PDF - Vishay Siliconix
Part # 40EPS08
Download  40EPS08 Download

File Size   154.84 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Input Rectifier Diode, 40 A

40EPS08 Datasheet (PDF)

Go To PDF Page Download Datasheet
40EPS08 Datasheet PDF - Vishay Siliconix

Part # 40EPS08
Download  40EPS08 Click to download

File Size   154.84 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Input Rectifier Diode, 40 A

40EPS08 Datasheet (HTML) - Vishay Siliconix

40EPS08 Datasheet HTML 1Page - Vishay Siliconix 40EPS08 Datasheet HTML 2Page - Vishay Siliconix 40EPS08 Datasheet HTML 3Page - Vishay Siliconix 40EPS08 Datasheet HTML 4Page - Vishay Siliconix 40EPS08 Datasheet HTML 5Page - Vishay Siliconix 40EPS08 Datasheet HTML 6Page - Vishay Siliconix

40EPS08 Product details

DESCRIPTION/FEATURES
The 40EPS..PbF rectifier High Voltage Series has been optimized for very low forward voltage drop, with moderate leakage. The glass passivation technology used has reliable operation up to 150°C junction temperature.
Typical applications are in input rectification and these products are designed to be used with Vishay HPP Switches and output rectifiers which are available in identical package outlines.




Similar Part No. - 40EPS08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40EPS08 IRF-40EPS08 Datasheet
151Kb / 5P
   INPUT RECTIFIER DIODE
40EPS08PBF IRF-40EPS08PBF Datasheet
93Kb / 5P
   INPUT RECTIFIER DIODE
40EPS08PBF IRF-40EPS08PBF Datasheet
98Kb / 5P
   INPUT RECTIFIER DIODE Lead-Free
More results


Similar Description - 40EPS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40EPS16PBF VISHAY-40EPS16PBF Datasheet
143Kb / 6P
   Input Rectifier Diode, 40 A
Revision: 23-Apr-08
VS-40EPS16PBF VISHAY-VS-40EPS16PBF Datasheet
186Kb / 7P
   High Voltage, Input Rectifier Diode, 40 A
Revision: 12-Feb-16
VS-40EPS-M3 VISHAY-VS-40EPS-M3 Datasheet
127Kb / 5P
   High Voltage, Input Rectifier Diode, 40 A
Revision: 09-Feb-2021
VS-40EPS16-M3 VISHAY-VS-40EPS16-M3_V01 Datasheet
229Kb / 8P
   High Voltage, Input Rectifier Diode, 40 A
01-Jan-2022
VS-40EPS-M3 VISHAY-VS-40EPS-M3_V01 Datasheet
189Kb / 7P
   High Voltage, Input Rectifier Diode, 40 A
01-Jan-2022
10ETS08SPBF VISHAY-10ETS08SPBF Datasheet
168Kb / 7P
   Input Rectifier Diode, 10 A
Revision: 08-Apr-10
80EPS08PBF VISHAY-80EPS08PBF Datasheet
170Kb / 7P
   Input Rectifier Diode, 80 A
Revision: 07-Jul-09
25ETS08SPBF VISHAY-25ETS08SPBF Datasheet
157Kb / 7P
   Input Rectifier Diode, 25 A
Revision: 09-Apr-10
80EPS16PBF VISHAY-80EPS16PBF Datasheet
169Kb / 6P
   Input Rectifier Diode, 80 A
Revision: 20-Apr-11
20ETS08FPPBF VISHAY-20ETS08FPPBF Datasheet
134Kb / 7P
   Input Rectifier Diode, 20 A
Revision: 04-Aug-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com