Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

112MT160KPBF Datasheet (PDF) - Vishay Siliconix

112MT160KPBF Datasheet PDF - Vishay Siliconix
Part # 112MT160KPBF
Download  112MT160KPBF Download

File Size   188.49 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Three Phase Controlled Bridge (Power Modules), 55 A to 110 A

112MT160KPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
112MT160KPBF Datasheet PDF - Vishay Siliconix

Part # 112MT160KPBF
Download  112MT160KPBF Click to download

File Size   188.49 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Three Phase Controlled Bridge (Power Modules), 55 A to 110 A

112MT160KPBF Datasheet (HTML) - Vishay Siliconix

112MT160KPBF Datasheet HTML 1Page - Vishay Siliconix 112MT160KPBF Datasheet HTML 2Page - Vishay Siliconix 112MT160KPBF Datasheet HTML 3Page - Vishay Siliconix 112MT160KPBF Datasheet HTML 4Page - Vishay Siliconix 112MT160KPBF Datasheet HTML 5Page - Vishay Siliconix 112MT160KPBF Datasheet HTML 6Page - Vishay Siliconix 112MT160KPBF Datasheet HTML 7Page - Vishay Siliconix 112MT160KPBF Datasheet HTML 8Page - Vishay Siliconix 112MT160KPBF Datasheet HTML 9Page - Vishay Siliconix

112MT160KPBF Product details

DESCRIPTION

A range of extremely compact, encapsulated three phase controlled bridge rectifiers offering efficient and reliable operation. They are intended for use in general purpose and heavy duty applications.



FEATURES

• Package fully compatible with the industry standard INT-A-PAK power modules series

• High thermal conductivity package, electrically insulated case

• Excellent power volume ratio

• 4000 VRMS isolating voltage

• UL E78996 approved

• Compliant to RoHS directive 2002/95/EC

• Designed and qualified for industrial level



 




Similar Part No. - 112MT160KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
112MT160KB IRF-112MT160KB Datasheet
121Kb / 9P
   THREE PHASE CONTROLLED BRIDGE
112MT160KBS90 IRF-112MT160KBS90 Datasheet
121Kb / 9P
   THREE PHASE CONTROLLED BRIDGE
More results


Similar Description - 112MT160KPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF Datasheet
226Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2022
VS-5MTKPBF VISHAY-VS-5MTKPBF Datasheet
228Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2019
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF_V01 Datasheet
233Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2023
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V01 Datasheet
213Kb / 8P
   Three Phase Bridge (Power Modules), 90 A/110 A
01-Jan-2022
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V02 Datasheet
212Kb / 8P
   Three Phase Bridge (Power Modules), 90 A/110 A
01-Jan-2023
90MT80KPBF VISHAY-90MT80KPBF Datasheet
132Kb / 6P
   Three Phase Bridge (Power Modules), 90/110 A
Revision: 29-Apr-08
90-110MT.KPBF VISHAY-90-110MT.KPBF Datasheet
171Kb / 8P
   Three Phase Bridge (Power Modules), 90/110 A
Revision: 29-Apr-08
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 16-Jul-14
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-130-160MTKPBF VISHAY-VS-130-160MTKPBF_V01 Datasheet
176Kb / 8P
   Three Phase Bridge, 130 A to 160 A (Power Modules)
01-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com