Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD568 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SD568 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SD568
Download  2SD568 Download

File Size   254.28 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

2SD568 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD568 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SD568
Download  2SD568 Click to download

File Size   254.28 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

2SD568 Datasheet (HTML) - Inchange Semiconductor Company Limited

2SD568 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD568 Datasheet HTML 2Page - Inchange Semiconductor Company Limited

2SD568 Product details

DESCRIPTION
• High Collector Current:: IC= 7A
• Low Collector Saturation Voltage : VCE(sat)= 0.5V(Max)@IC= 5A
• Complement to Type 2SB707

APPLICATIONS
• Designed for low-frequency power amplifiers and low-speed switching applications.




Similar Part No. - 2SD568

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
2SD560 FUJITSU-2SD560 Datasheet
209Kb / 3P
   SILICON NPN EPITAXIAL DARLINGTON TRANSISTOR (5 AMP, 100 VOLT)
logo
NEC
2SD560 NEC-2SD560 Datasheet
90Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
logo
Inchange Semiconductor ...
2SD560 ISC-2SD560 Datasheet
141Kb / 3P
   isc Silicon NPN Darlington Power Transistor
logo
Savantic, Inc.
2SD560 SAVANTIC-2SD560 Datasheet
102Kb / 3P
   Silicon NPN Power Transistors
logo
Tiger Electronic Co.,Lt...
2SD560 TGS-2SD560 Datasheet
71Kb / 1P
   NPN Silicon Power Ttransistors
More results


Similar Description - 2SD568

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUV20 ISC-BUV20 Datasheet
194Kb / 2P
   isc Silicon NPN Power Transistor
BUV48I ISC-BUV48I Datasheet
209Kb / 2P
   isc Silicon NPN Power Transistor
BUV51 ISC-BUV51 Datasheet
192Kb / 2P
   isc Silicon NPN Power Transistor
BUV52A ISC-BUV52A Datasheet
191Kb / 2P
   isc Silicon NPN Power Transistor
2N6496 ISC-2N6496 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistor
2N6545 ISC-2N6545 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistor
MJD148 ISC-MJD148 Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
TIP35CF ISC-TIP35CF Datasheet
156Kb / 2P
   isc Silicon NPN Power Transistor
2SB1412 ISC-2SB1412 Datasheet
265Kb / 3P
   isc Silicon NPN Power Transistor
MJ1800 ISC-MJ1800 Datasheet
140Kb / 2P
   isc Silicon NPN Power Transistor
KSH47 ISC-KSH47 Datasheet
348Kb / 3P
    isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com