Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC863532C Datasheet (PDF) - Sanyo Semicon Device

LC863532C Datasheet PDF - Sanyo Semicon Device
Part # LC863532C
Download  LC863532C Download

File Size   116.07 Kbytes
Page   17 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8-bit 1-chip Microcontroller

LC863532C Datasheet (PDF)

Go To PDF Page Download Datasheet
LC863532C Datasheet PDF - Sanyo Semicon Device

Part # LC863532C
Download  LC863532C Click to download

File Size   116.07 Kbytes
Page   17 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8-bit 1-chip Microcontroller

LC863532C Datasheet (HTML) - Sanyo Semicon Device

Back Button LC863532C Datasheet HTML 1Page - Sanyo Semicon Device LC863532C Datasheet HTML 2Page - Sanyo Semicon Device LC863532C Datasheet HTML 3Page - Sanyo Semicon Device LC863532C Datasheet HTML 4Page - Sanyo Semicon Device LC863532C Datasheet HTML 5Page - Sanyo Semicon Device LC863532C Datasheet HTML 6Page - Sanyo Semicon Device LC863532C Datasheet HTML 7Page - Sanyo Semicon Device LC863532C Datasheet HTML 8Page - Sanyo Semicon Device LC863532C Datasheet HTML 9Page - Sanyo Semicon Device LC863532C Datasheet HTML 10Page - Sanyo Semicon Device Next Button 

LC863532C Product details

CMOS IC 48K/40K/32K/28K/24K/20K/16K-byte ROM, CGROM16K-byte on-chip 640/512-byte RAM and 176×9-bit OSD RAM



Overview

The LC863548C/40C/32C/28C/24C/20C/16C are 8-bit single chip microcontrollers with the following on-chip functional

blocks :

• CPU : Operable at a minimum bus cycle time of 0.424µs

• On-chip ROM capacity

Program ROM  : 48K/40K/32K/28K/24K/20K/16K-bytes

CGROM : 16K-bytes

• On-chip RAM capacity : 640/512-bytes

• OSD RAM : 176 × 9-bits

• On-screen display controller

• Four channels × 6-bit AD Converter

• Three channels × 7-bit PWM

• Two channels × 16-bit timer/counter, 14-bit base timer

• IIC-bus compliant serial interface circuit (Multi-master type)

• ROM correction function

• 13-source 8-vectored interrupt system

• Integrated system clock generator and display clock generator Only one X’tal oscillator (32.768kHz) for PLL reference is used for both generators. All of the above functions are fabricated on a single chip.




Similar Part No. - LC863532C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863532 SANYO-LC863532 Datasheet
612Kb / 22P
   LC86F3548A
LC863532A SANYO-LC863532A Datasheet
640Kb / 19P
   8-Bit Single-Chip Microcontroller
LC863532B SANYO-LC863532B Datasheet
527Kb / 17P
   8-bit 1-chip Microcontroller
More results


Similar Description - LC863532C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com