Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT250-06JS Datasheet (PDF) - Sanyo Semicon Device

SBT250-06JS Datasheet PDF - Sanyo Semicon Device
Part # SBT250-06JS
Download  SBT250-06JS Download

File Size   55.22 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 60V, 25A Rectifier

SBT250-06JS Datasheet (PDF)

Go To PDF Page Download Datasheet
SBT250-06JS Datasheet PDF - Sanyo Semicon Device

Part # SBT250-06JS
Download  SBT250-06JS Click to download

File Size   55.22 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 60V, 25A Rectifier

SBT250-06JS Datasheet (HTML) - Sanyo Semicon Device

SBT250-06JS Datasheet HTML 1Page - Sanyo Semicon Device SBT250-06JS Datasheet HTML 2Page - Sanyo Semicon Device SBT250-06JS Datasheet HTML 3Page - Sanyo Semicon Device

SBT250-06JS Product details

60V, 25A Rectifier

Features
• Tj=150°C.
• Low forward voltage (VF max=0.60V).
• Short reverse recovery time.
• Low switching noise.
• High reliability due to highly reliable planar structure.
• Attachment workability is good by Mica-less package.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SBT250-06JS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT250-06J SANYO-SBT250-06J Datasheet
35Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 25A Rectifier
More results


Similar Description - SBT250-06JS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSN525M60 TSC-TSN525M60 Datasheet
247Kb / 4P
   25A, 60V Trench Schottky Rectifier
logo
Shindengen Electric Mfg...
D25SC6M SHINDENGEN-D25SC6M Datasheet
543Kb / 10P
   Schottky Rectifiers (SBD) (60V 25A)
logo
Rohm
RQ3L070AT ROHM-RQ3L070AT Datasheet
2Mb / 13P
   Pch -60V -25A Power MOSFET
logo
Shindengen Electric Mfg...
D25SC6MR SHINDENGEN-D25SC6MR Datasheet
543Kb / 10P
   Schottky Rectifiers (SBD) (60V 25A)
DF25SC6M SHINDENGEN-DF25SC6M Datasheet
533Kb / 10P
   Schottky Rectifiers (SBD) (60V 25A)
S25SC6M SHINDENGEN-S25SC6M Datasheet
539Kb / 10P
   Schottky Rectifiers (SBD) (60V 25A)
logo
Mospec Semiconductor
S25D30 MOSPEC-S25D30 Datasheet
249Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(25A,30-60V)
logo
Unisonic Technologies
25N06 UTC-25N06_11 Datasheet
186Kb / 6P
   25A, 60V N-CHANNEL POWER MOSFET
logo
Sanyo Semicon Device
SBT250-06J SANYO-SBT250-06J Datasheet
35Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 25A Rectifier
logo
GOOD-ARK Electronics
SGC2550S GOOD-ARK-SGC2550S_15 Datasheet
205Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 50~60V Forward Current 25A
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com