Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5639 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N5639 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N5639
Download  1N5639 Download

File Size   324.52 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081

1N5639 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5639 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N5639
Download  1N5639 Click to download

File Size   324.52 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081

1N5639 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.

1N5639 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. 1N5639 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.

1N5639 Product details

MAXIMUM RATING
* Peak Pulse Power (Ppk): 1500 Watts (10 x 1000μs)@25°C




Similar Part No. - 1N5639

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5639 MICROSEMI-1N5639 Datasheet
115Kb / 2P
   TRANSIENT ABSORPTION ZENER
1N5639 MICROSEMI-1N5639 Datasheet
204Kb / 4P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
1N5639 LITTELFUSE-1N5639 Datasheet
201Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
logo
Digitron Semiconductors
1N5639 DIGITRON-1N5639 Datasheet
506Kb / 4P
   TRANSIENT ABSORPTION ZENER
logo
New Jersey Semi-Conduct...
1N5639 NJSEMI-1N5639 Datasheet
256Kb / 2P
   Silicon Avalanche Diodes
More results


Similar Description - 1N5639

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
150K-A NJSEMI-150K-A Datasheet
149Kb / 1P
   20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
IN3491 NJSEMI-IN3491 Datasheet
44Kb / 1P
   20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
logo
Toshiba Semiconductor
2SA495 TOSHIBA-2SA495 Datasheet
136Kb / 2P
   20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
logo
New Jersey Semi-Conduct...
2N3053 NJSEMI-2N3053 Datasheet
82Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
2N2903 NJSEMI-2N2903 Datasheet
102Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
2N2432A NJSEMI-2N2432A Datasheet
191Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
2N2528 NJSEMI-2N2528 Datasheet
95Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
2N2453A NJSEMI-2N2453A Datasheet
83Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
2N2369A NJSEMI-2N2369A Datasheet
126Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
2N2060 NJSEMI-2N2060 Datasheet
133Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
2N3072 NJSEMI-2N3072 Datasheet
152Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com