Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5730B Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N5730B Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N5730B
Download  1N5730B Download

File Size   320.08 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description ELECTRICAL CHARACTERISTICS

1N5730B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5730B Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N5730B
Download  1N5730B Click to download

File Size   320.08 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description ELECTRICAL CHARACTERISTICS

1N5730B Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.

1N5730B Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.

1N5730B Product details

ELECTRICAL CHARACTERISTICS

*JEDEC Registered Data. The Type Number indicates 5% Tolerance (See Note 1.)




Similar Part No. - 1N5730B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5730B MICROSEMI-1N5730B Datasheet
53Kb / 2P
   SILICON 400 mW ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5730B NJSEMI-1N5730B Datasheet
68Kb / 1P
   ZENER VOLTAGE 4.7 TO 75V
1N5730B NJSEMI-1N5730B Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5730B NJSEMI-1N5730B Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
logo
Microsemi Corporation
1N5730B MICROSEMI-1N5730B Datasheet
53Kb / 2P
   SILICON 400MW ZENER DIODES
More results


Similar Description - 1N5730B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4993 NJSEMI-1N4993 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5737A NJSEMI-1N5737A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5738A NJSEMI-1N5738A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5744A NJSEMI-1N5744A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5754A NJSEMI-1N5754A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5968 NJSEMI-1N5968 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com