Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q64DWSSIG Datasheet (PDF) - Winbond

W25Q64DWSSIG Datasheet PDF - Winbond
Part # W25Q64DWSSIG
Download  W25Q64DWSSIG Download

File Size   1048.98 Kbytes
Page   82 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI

W25Q64DWSSIG Datasheet (PDF)

Go To PDF Page Download Datasheet
W25Q64DWSSIG Datasheet PDF - Winbond

Part # W25Q64DWSSIG
Download  W25Q64DWSSIG Click to download

File Size   1048.98 Kbytes
Page   82 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI

W25Q64DWSSIG Datasheet (HTML) - Winbond

Back Button W25Q64DWSSIG Datasheet HTML 1Page - Winbond W25Q64DWSSIG Datasheet HTML 2Page - Winbond W25Q64DWSSIG Datasheet HTML 3Page - Winbond W25Q64DWSSIG Datasheet HTML 4Page - Winbond W25Q64DWSSIG Datasheet HTML 5Page - Winbond W25Q64DWSSIG Datasheet HTML 6Page - Winbond W25Q64DWSSIG Datasheet HTML 7Page - Winbond W25Q64DWSSIG Datasheet HTML 8Page - Winbond W25Q64DWSSIG Datasheet HTML 9Page - Winbond W25Q64DWSSIG Datasheet HTML 10Page - Winbond Next Button 

W25Q64DWSSIG Product details

1.  GENERAL DESCRIPTION

The W25Q64DW (64M-bit) Serial Flash memory provides a storage solution for systems with limited space, pins and power. The 25Q series offers flexibility and performance well beyond ordinary Serial Flash devices. They are ideal for code shadowing to RAM, executing code directly from Dual/Quad SPI (XIP) and storing voice, text and data. The device operates on a single 1.7V to 1.95V power supply with current consumption as low as 4mA active and 1µA for power-down. All devices are offered in space saving packages.

The W25Q64DW array is organized into 32,768 programmable pages of 256-bytes each. Up to 256 bytes can be programmed at a time. Pages can be erased in groups of 16 (4KB sector erase), groups of 128 (32KB block erase), groups of 256 (64KB block erase) or the entire chip (chip erase). The W25Q64DW has 2,048 erasable sectors and 128 erasable blocks respectively. The small 4KB sectors allow for greater flexibility in applications that require data and parameter storage. (See figure 2.)



2.  FEATURES

• Family of SpiFlash Memories

– W25Q64DW: 64M-bit / 8M-byte (8,388,608)

– Standard SPI: CLK, /CS, DI, DO, /WP, /Hold

– Dual SPI: CLK, /CS, IO0, IO1, /WP, /Hold

– Quad SPI: CLK, /CS, IO0, IO1, IO2, IO3

– QPI: CLK, /CS, IO0, IO1, IO2, IO3



• Highest Performance Serial Flash

– 104MHz Standard/Dual/Quad SPI clocks

– 208/416MHz equivalent Dual/Quad SPI

– 50MB/S continuous data transfer rate

– More than 100,000 erase/program cycles

– More than 20-year data retention



• Efficient “Continuous Read” and QPI Mode

– Continuous Read with 8/16/32/64-Byte Wrap

– As few as 8 clocks to address memory

– Quad Peripheral Interface (QPI) reduces instruction overhead

– Allows true XIP (execute in place) operation

– Outperforms X16 Parallel Flash



• Low Power, Wide Temperature Range

– Single 1.7 to 1.95V supply

– 4mA active current, <1µA Power-down (typ.)

– -40°C to +85°C operating range



• Flexible Architecture with 4KB sectors

– Uniform Sector Erase (4K-bytes)

– Uniform Block Erase (32K and 64K-bytes)

– Program 1 to 256 byte per programmable page

– Erase/Program Suspend & Resume



• Advanced Security Features

– Software and Hardware Write-Protect

– Top/Bottom, 4KB complement array protection

– Power Supply Lock-Down and OTP protection

– 64-Bit Unique ID for each device

– 4X256-Bytes Security Registers with OTP locks

– Volatile & Non-volatile Status Register Bits



• Space Efficient Packaging

– 8-pin SOIC 208-mil

– 8-pad WSON 6x5-mm/8x6-mm

– 16-pin SOIC 300-mil

– Contact Winbond for KGD and other options




Similar Part No. - W25Q64DWSSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64DWSSIG WINBOND-W25Q64DWSSIG Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Similar Description - W25Q64DWSSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64DW WINBOND-W25Q64DW_12 Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FW WINBOND-W25Q64FW Datasheet
2Mb / 94P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV_13 Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV_V01 Datasheet
1Mb / 92P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
July 18, 2017
W25Q64FVZPIG WINBOND-W25Q64FVZPIG Datasheet
1Mb / 88P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16FWUUIQ-TR WINBOND-W25Q16FWUUIQ-TR Datasheet
1Mb / 90P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FW WINBOND-W25Q128FW Datasheet
1Mb / 96P
   1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DW WINBOND-W25Q32DW Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DW WINBOND-W25Q32DW_12 Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com