Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q64CVDAAG Datasheet (PDF) - Winbond

W25Q64CVDAAG Datasheet PDF - Winbond
Part # W25Q64CVDAAG
Download  W25Q64CVDAAG Download

File Size   1099.86 Kbytes
Page   79 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI

W25Q64CVDAAG Datasheet (PDF)

Go To PDF Page Download Datasheet
W25Q64CVDAAG Datasheet PDF - Winbond

Part # W25Q64CVDAAG
Download  W25Q64CVDAAG Click to download

File Size   1099.86 Kbytes
Page   79 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI

W25Q64CVDAAG Datasheet (HTML) - Winbond

Back Button W25Q64CVDAAG Datasheet HTML 1Page - Winbond W25Q64CVDAAG Datasheet HTML 2Page - Winbond W25Q64CVDAAG Datasheet HTML 3Page - Winbond W25Q64CVDAAG Datasheet HTML 4Page - Winbond W25Q64CVDAAG Datasheet HTML 5Page - Winbond W25Q64CVDAAG Datasheet HTML 6Page - Winbond W25Q64CVDAAG Datasheet HTML 7Page - Winbond W25Q64CVDAAG Datasheet HTML 8Page - Winbond W25Q64CVDAAG Datasheet HTML 9Page - Winbond W25Q64CVDAAG Datasheet HTML 10Page - Winbond Next Button 

W25Q64CVDAAG Product details

GENERAL DESCRIPTION

The  W25Q64CV  (64M-bit)  Serial  Flash  memory  provides  a  storage  solution  for  systems  with  limited space,  pins  and  power.  The  25Q  series  offers  flexibility  and  performance  well  beyond  ordinary  Serial Flash devices. They are ideal for  code  shadowing to RAM,  executing code  directly from Dual/Quad SPI (XIP)  and  storing voice, text and data. The device operates  on a single  2.7V to  3.6V power supply with current consumption as low as 4mA active and 1µA for power-down.



FEATURES

Family of SpiFlash Memories

– W25Q64CV: 64M-bit / 8M-byte (8,388,608)

– 256-byte per programmable page

– Standard SPI: CLK, /CS, DI, DO, /WP, /Hold

– Dual SPI: CLK, /CS, IO0, IO1, /WP, /Hold

– Quad SPI: CLK, /CS, IO0, IO1, IO2, IO3



Highest Performance Serial Flash

– 80MHz Dual/Quad SPI clocks

– 160/320MHz equivalent Dual/Quad SPI

– 40MB/S continuous data transfer rate

– Up to 8X that of ordinary Serial Flash

– More than 100,000 erase/program cycles(1)

– More than 20-year data retention



Efficient “Continuous Read Mode”

– Low Instruction overhead

– Continuous Read with 8/16/32/64-Byte Wrap

– As few as 8 clocks to address memory

– Allows true XIP (execute in place) operation

– Outperforms X16 Parallel Flash



Efficient “Continuous Read Mode”

– Single 2.7 to 3.6V supply

– 4mA active current, <1µA Power-down (typ.)

– -40° C to +85°C operating range



Flexible Architecture with 4KB sectors

– Uniform Sector/Block Erase (4/32/64K-bytes)

– Program one to 256 bytes

– Erase/Program Suspend & Resume



Advanced Security Features

– Software and Hardware Write-Protect

– Top/Bottom, 4KB complement array protection

– Power Supply Lock-Down and OTP protection

– 64-Bit Unique ID for each device

– Discoverable Parameters (SFDP) Register

– 3X256-Byte Security Registers with OTP locks

– Volatile & Non-volatile Status Register Bits



Space Efficient Packaging(1)

– 8-pin SOIC/VSOP 208-mil

– 8-pad WSON 6x5-mm/8x6-mm

– 16-pin SOIC 300-mil

– 8-pin PDIP 300-mil

– 24-ball TFBGA 8x6-mm (6x4/5x5 ball array)

– Contact Winbond for KGD and other options




Similar Part No. - W25Q64CVDAAG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64CVDAIG WINBOND-W25Q64CVDAIG Datasheet
1Mb / 80P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results


Similar Description - W25Q64CVDAAG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64CV WINBOND-W25Q64CV_13 Datasheet
1Mb / 80P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
Shenzhen Huazhimei Semi...
HM25Q64A HMSEMI-HM25Q64A Datasheet
13Mb / 76P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
logo
Winbond
W25Q64FV WINBOND-W25Q64FV_V01 Datasheet
1Mb / 92P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
July 18, 2017
W25Q64FVZPIG WINBOND-W25Q64FVZPIG Datasheet
1Mb / 88P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV_13 Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64JV WINBOND-W25Q64JV Datasheet
2Mb / 77P
   3V 64M-bit serial flash memory with dualm quad spi
W25Q64BV WINBOND-W25Q64BV Datasheet
1Mb / 61P
   64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64JV-DTR WINBOND-W25Q64JV-DTR Datasheet
2Mb / 101P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI & DTR
March 27, 2018 Revision J
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com