Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSCU52C10 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSCU52C10 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSCU52C10
Download  TSCU52C10 Download

File Size   111.76 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 150mW SMD Zener Diode

TSCU52C10 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSCU52C10 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSCU52C10
Download  TSCU52C10 Click to download

File Size   111.76 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 150mW SMD Zener Diode

TSCU52C10 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd

TSCU52C10 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSCU52C10 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSCU52C10 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSCU52C10 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd

TSCU52C10 Product details

FEATURES
● Wide zener voltage range selection: 2.0V to 39V
● Designed for mounting on small surface
● Extremely thin / leadless package
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21

APPLICATIONS
● General regulation functions

MECHANICAL DATA
● Case: 0603
● Terminal: Gold plated, solderable per MIL-STD-750, method 2026
● Polarity: Indicated by cathode band
● Weight: 3.00mg (approximately)



Similar Part No. - TSCU52C10

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSCU52C10 TSC-TSCU52C10 Datasheet
77Kb / 4P
   200mW SMD Zener Diode
More results


Similar Description - TSCU52C10

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSZU52C2 TSC-TSZU52C2 Datasheet
82Kb / 4P
   150mW SMD Zener Diode
logo
Diodes Incorporated
MMBZ5221BT DIODES-MMBZ5221BT Datasheet
65Kb / 3P
   150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. C-2
MMBZ5221BT DIODES-MMBZ5221BT_1 Datasheet
461Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. 9 - 2
MMBZ5221BT DIODES-MMBZ5221BT_08 Datasheet
156Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 11 - 2 June 2008
BZX84C2V4T DIODES-BZX84C2V4T_15 Datasheet
163Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
BZX84C5V6TQ DIODES-BZX84C5V6TQ Datasheet
585Kb / 5P
   150mW SURFACE MOUNT ZENER DIODE
January 2023 Rev. 1 - 2
BZX84C2V4T DIODES-BZX84C2V4T_08 Datasheet
163Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 10 - 2 May 2008
MMBZ5221BT DIODES-MMBZ5221BT_15 Datasheet
156Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
BZX84C2V4T DIODES-BZX84C2V4T_1 Datasheet
372Kb / 3P
   150mW SURFACE MOUNT ZENER DIODE
DS30262 Rev. 8 - 2
logo
AiT Semiconductor Inc.
LLDB3 AITSEMI-LLDB3 Datasheet
586Kb / 6P
   ZENER DIODES 150mW BI-DIRECTIONAL TRIGGER DIODE
REV1.0
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com