Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC817-40WRFG Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

BC817-40WRFG Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # BC817-40WRFG
Download  BC817-40WRFG Download

File Size   576.91 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mW, NPN Small Signal Transistor

BC817-40WRFG Datasheet (PDF)

Go To PDF Page Download Datasheet
BC817-40WRFG Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # BC817-40WRFG
Download  BC817-40WRFG Click to download

File Size   576.91 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mW, NPN Small Signal Transistor

BC817-40WRFG Datasheet (HTML) - Taiwan Semiconductor Company, Ltd

BC817-40WRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC817-40WRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC817-40WRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC817-40WRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd

BC817-40WRFG Product details

Features
◇ Epitaxial planar die construction
◇ Surface device type mounting
◇ Moisture sensitivity level 1
◇ Matte Tin(Sn) lead finish with Nickel(Ni) underplate
◇ Pb free version and RoHS compliant
◇ Green compound (Halogen free) with suffix "G" on packing code and prefix "G" on date code




Similar Part No. - BC817-40WRFG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC817-40W PHILIPS-BC817-40W Datasheet
49Kb / 8P
   NPN general purpose transistor
1999 Apr 15
logo
Nexperia B.V. All right...
BC817-40W NEXPERIA-BC817-40W Datasheet
316Kb / 13P
   45 V, 500 mA PNP general-purpose transistors
Rev. 8 - 1 July 2022
logo
Siemens Semiconductor G...
BC817-40W SIEMENS-BC817-40W Datasheet
90Kb / 5P
   NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
logo
Nexperia B.V. All right...
BC817-40W NEXPERIA-BC817-40W Datasheet
319Kb / 13P
   45 V, 500 mA NPN general-purpose transistors
Rev. 8 - 1 July 2022
logo
Infineon Technologies A...
BC817-40W INFINEON-BC817-40W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Similar Description - BC817-40WRFG

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BCW66F MCC-BCW66F Datasheet
271Kb / 3P
   NPN Small Signal Transistor 200mW
logo
Taiwan Semiconductor Co...
BC817W TSC-BC817W Datasheet
350Kb / 6P
   200mW, NPN Small Signal Transistor
logo
Micro Commercial Compon...
BC846S MCC-BC846S Datasheet
343Kb / 4P
   Dual NPN Small Signal Transistor 200mW
BC846S MCC-BC846S_13 Datasheet
372Kb / 4P
   Dual NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN Datasheet
320Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN_13 Datasheet
350Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC846BPN MCC-BC846BPN Datasheet
600Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
logo
Taiwan Semiconductor Co...
BC807W TSC-BC807W Datasheet
553Kb / 4P
   200mW, PNP Small Signal Transistor
BC856A TSC-BC856A_14 Datasheet
323Kb / 6P
   200mW, PNP Small Signal Transistor
BC807-16W TSC-BC807-16W Datasheet
150Kb / 6P
   200mW, PNP Small Signal Transistor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com