Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB102 Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

DB102 Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # DB102
Download  DB102 Download

File Size   131.37 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0 A

DB102 Datasheet (PDF)

Go To PDF Page Download Datasheet
DB102 Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # DB102
Download  DB102 Click to download

File Size   131.37 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0 A

DB102 Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd

DB102 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd DB102 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd

DB102 Product details

Reverse Voltage 50 to 1000V
Forward Current 1.0 A

Features
• High surge current Capability
• High tempererature soldering guaranteed:
   260℃/10 seconds 260℃/10 seconds
• Lead and body according with RoHS standard




Similar Part No. - DB102

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB102 SURGE-DB102 Datasheet
75Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Rugao Dachang Electroni...
DB102 DACHANG-DB102 Datasheet
131Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
MIC GROUP RECTIFIERS
DB102 MIC-DB102 Datasheet
55Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
DB102 BILIN-DB102 Datasheet
168Kb / 3P
   SILICON BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
DB102 LUGUANG-DB102 Datasheet
255Kb / 2P
   Single Phase 1.0 AMP Glass Passivated Bridge Rectifiers
More results


Similar Description - DB102

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
GBU10A DACHANG-GBU10A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 10 A
GBU4A DACHANG-GBU4A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 4 A
GBU8A DACHANG-GBU8A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 8 A
GBU6A DACHANG-GBU6A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 6 A
DB151 DACHANG-DB151 Datasheet
131Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
DB101S DACHANG-DB101S Datasheet
126Kb / 2P
   Surface Mount Bridge-Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0 A
KBJ8A DACHANG-KBJ8A Datasheet
210Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 8 A
KBJ10A DACHANG-KBJ10A Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 10 A
KBJ4A DACHANG-KBJ4A Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 4 A
logo
AiT Semiconductor Inc.
DB201S AITSEMI-DB201S Datasheet
533Kb / 5P
   BRIDGE RECTIFIER REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 2.0 A
REV1.0
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com