Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU8J Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

GBU8J Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # GBU8J
Download  GBU8J Download

File Size   155.83 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 8 A

GBU8J Datasheet (PDF)

Go To PDF Page Download Datasheet
GBU8J Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # GBU8J
Download  GBU8J Click to download

File Size   155.83 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 8 A

GBU8J Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd

GBU8J Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd GBU8J Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd

GBU8J Product details

Reverse Voltage 50 to 1000V
Forward Current 8 A

Features
• Low reverse leakage
• High forward surge capability
• Surge overload rating: 150 Amperes peak
• Lead and body according with RoHS standard




Similar Part No. - GBU8J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBU8J PANJIT-GBU8J Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Diotec Semiconductor
GBU8J DIOTEC-GBU8J Datasheet
114Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
GBU8J PANJIT-GBU8J Datasheet
50Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
GBU8J BILIN-GBU8J Datasheet
141Kb / 3P
   Silicon Bridge Rectifiers
logo
Shenzhen Ping Sheng Ele...
GBU8J PFS-GBU8J Datasheet
201Kb / 2P
   8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Similar Description - GBU8J

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
GBU10A DACHANG-GBU10A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 10 A
GBU4A DACHANG-GBU4A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 4 A
GBU6A DACHANG-GBU6A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 6 A
DB101 DACHANG-DB101 Datasheet
131Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0 A
DB151 DACHANG-DB151 Datasheet
131Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
KBJ8A DACHANG-KBJ8A Datasheet
210Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 8 A
KBJ10A DACHANG-KBJ10A Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 10 A
KBJ4A DACHANG-KBJ4A Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 4 A
logo
AiT Semiconductor Inc.
DB201S AITSEMI-DB201S Datasheet
533Kb / 5P
   BRIDGE RECTIFIER REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 2.0 A
REV1.0
logo
ASEMI TECHNOLOGY., LTD
KBJ1010 ASEMI-KBJ1010 Datasheet
235Kb / 2P
   1 A Single-Phase Silicon Bridge Rectifier Rectifier Reverse Voltage 50 to 1000V
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com