Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER152G Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

HER152G Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # HER152G
Download  HER152G Download

File Size   160.53 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A

HER152G Datasheet (PDF)

Go To PDF Page Download Datasheet
HER152G Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # HER152G
Download  HER152G Click to download

File Size   160.53 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A

HER152G Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd

HER152G Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd HER152G Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd

HER152G Product details

Reverse Voltage 50 to 1000V

Forward Current 1.5A



Features

• Glass passivated chip

• Low reverse leakage

• High forward surge capability

• High temperature soldering guaranteed: 260℃/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension

• Lead and body according with RoHS standard



 




Similar Part No. - HER152G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER152G JGD-HER152G Datasheet
164Kb / 2P
   1.5 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Rugao Dachang Electroni...
HER152G DACHANG-HER152G Datasheet
160Kb / 2P
   Plastic High-Efficiency Rectifiers
logo
Taiwan Semiconductor Co...
HER152G TSC-HER152G Datasheet
68Kb / 2P
   1.5 AMPS. Glass Passivated High Efficient Rectifiers
logo
Jinan Jing Heng Electro...
HER152G JINGHENG-HER152G Datasheet
62Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Taiwan Semiconductor Co...
HER152G TSC-HER152G Datasheet
267Kb / 2P
   1.5 AMPS. Glass Passivated High Efficient Rectifiers
More results


Similar Description - HER152G

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
HER151 DACHANG-HER151 Datasheet
159Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
HER251G DACHANG-HER251G Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
HER601 DACHANG-HER601 Datasheet
139Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 6.0A
HER101 DACHANG-HER101 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
HER101G DACHANG-HER101G Datasheet
171Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
HER201 DACHANG-HER201 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
HER301 DACHANG-HER301 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
HER251 DACHANG-HER251 Datasheet
119Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
HER201G DACHANG-HER201G Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
HER301G DACHANG-HER301G Datasheet
157Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com