Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ1501 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

GBJ1501 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # GBJ1501
Download  GBJ1501 Download

File Size   952.54 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 50V ~ 1000V 15.0 Amp Glass Passivited Bridge Rectifiers

GBJ1501 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBJ1501 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # GBJ1501
Download  GBJ1501 Click to download

File Size   952.54 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 50V ~ 1000V 15.0 Amp Glass Passivited Bridge Rectifiers

GBJ1501 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

GBJ1501 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GBJ1501 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH

GBJ1501 Product details

FEATURES
• Rating to 1000V PRV
• Ideal for printed circuit board
• Low forward voltage drop, high current capability
• Reliable low cost construction utilizing molded plastic
   technique results in inexpensive product
• The plastic material has Underwriters Laboratory
   flammability classification 94V-0




Similar Part No. - GBJ1501

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
GBJ1501 CHENDA-GBJ1501 Datasheet
546Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Diodes Incorporated
GBJ1501 DIODES-GBJ1501 Datasheet
62Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
logo
Diotech Company.
GBJ1501 DIOTECH-GBJ1501 Datasheet
853Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
GBJ1501 DYELEC-GBJ1501 Datasheet
3Mb / 2P
   SINGLE PHASE 15.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
GBJ1501 SY-GBJ1501 Datasheet
599Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - GBJ1501

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBJ8005 SECOS-GBJ8005_11 Datasheet
957Kb / 2P
   Voltage 50V ~ 1000V 8.0 Amp Glass Passivited Bridge Rectifiers
4GBJ8005 SECOS-4GBJ8005 Datasheet
971Kb / 2P
   Voltage 50V ~ 1000V 8.0 Amp Glass Passivited Bridge Rectifiers
GBL005 SECOS-GBL005 Datasheet
790Kb / 2P
   Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
GBJ20005 SECOS-GBJ20005 Datasheet
948Kb / 2P
   Voltage 50V ~ 1000V 20.0 Amp Glass Passivited Bridge Rectifiers
GBJ25005 SECOS-GBJ25005_11 Datasheet
970Kb / 2P
   Voltage 50V ~ 1000V 25.0 Amp Glass Passivited Bridge Rectifiers
4GBJ6005 SECOS-4GBJ6005 Datasheet
931Kb / 2P
   Voltage 50V ~ 1000V 6.0 Amp Glass Passivited Bridge Rectifiers
GBJ10005 SECOS-GBJ10005_11 Datasheet
952Kb / 2P
   Voltage 50V ~ 1000V 10.0 Amp Glass Passivited Bridge Rectifiers
4GBJ4005 SECOS-4GBJ4005 Datasheet
987Kb / 2P
   Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
GBJ50005 SECOS-GBJ50005 Datasheet
853Kb / 2P
   Voltage 50V ~ 1000V 50.0 Amp Glass Passivited Bridge Rectifiers
RS1505G SECOS-RS1505G Datasheet
94Kb / 2P
   VOLTAGE 50V ~ 1000V 15.0 AMP Glass Passivated Bridge Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com