Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM20100D Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SM20100D Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SM20100D
Download  SM20100D Download

File Size   298.71 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 20V~ 100V 20.0 Amp Schottky Barrier Rectifiers

SM20100D Datasheet (PDF)

Go To PDF Page Download Datasheet
SM20100D Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SM20100D
Download  SM20100D Click to download

File Size   298.71 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 20V~ 100V 20.0 Amp Schottky Barrier Rectifiers

SM20100D Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

SM20100D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM20100D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH



Similar Part No. - SM20100D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM20100D SECOS-SM20100D Datasheet
62Kb / 2P
   20.0 AMP Surface Mount Schottky Barrier Rectifiers
SM20100D1 SECOS-SM20100D1 Datasheet
275Kb / 2P
   VOLTAGE 100 V 20Amps Schottky Barrier Rectifiers
SM20100D1 SECOS-SM20100D1_15 Datasheet
227Kb / 2P
   Barrier Schottky Rectifier
More results


Similar Description - SM20100D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP20100R SECOS-SP20100R_11 Datasheet
311Kb / 2P
   Voltage 100V 20.0 Amp Schottky Barrier Rectifiers
SM1020C SECOS-SM1020C_11 Datasheet
248Kb / 2P
   Voltage 20V~100V 10.0 Amp Schottky Barrier Rectifiers
SR220 SECOS-SR220 Datasheet
102Kb / 2P
   VOLTAGE 20V ~ 100V 2.0 AMP Schottky Barrier Rectifiers
SBL20H100RF SECOS-SBL20H100RF Datasheet
309Kb / 2P
   VOLTAGE 100V 20.0 Amp Low VF Schottky Barrier Rectifiers
SM320A SECOS-SM320A_12 Datasheet
208Kb / 2P
   Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SCD52 SECOS-SCD52 Datasheet
469Kb / 2P
   VOLTAGE 20V ~ 100V 5.0 AMP Surface Mount Schottky Barrier Rectifiers
SBR2060 SECOS-SBR2060_11 Datasheet
288Kb / 2P
   Voltage 60V 20.0 Amp Schottky Barrier Rectifiers
SP2060 SECOS-SP2060_11 Datasheet
331Kb / 2P
   Voltage 60V 20.0 Amp Schottky Barrier Rectifiers
SBR2045F SECOS-SBR2045F Datasheet
173Kb / 2P
   VOLTAGE 45V 20.0 Amp Schottky Barrier Rectifiers
SR120 SECOS-SR120 Datasheet
189Kb / 2P
   VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com