Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB6S Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

TB6S Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # TB6S
Download  TB6S Download

File Size   263.97 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 200V ~ 1000V 1.0 Amp Silicon Bridge Rectifiers

TB6S Datasheet (PDF)

Go To PDF Page Download Datasheet
TB6S Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # TB6S
Download  TB6S Click to download

File Size   263.97 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 200V ~ 1000V 1.0 Amp Silicon Bridge Rectifiers

TB6S Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

TB6S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH TB6S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH



Similar Part No. - TB6S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TB6S PANJIT-TB6S Datasheet
108Kb / 3P
   MICRO SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
TB6S BILIN-TB6S Datasheet
46Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
TB6S COMCHIP-TB6S Datasheet
100Kb / 4P
   Silicon Bridge Rectifiers
logo
Diode Semiconductor Kor...
TB6S DSK-TB6S Datasheet
2Mb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
TB6S BILIN-TB6S Datasheet
95Kb / 3P
   SILICON BRIDGE RECTIFIERS
More results


Similar Description - TB6S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N4001 SECOS-1N4001 Datasheet
331Kb / 2P
   VOLTAGE 50V ~ 1000V 1.0 AMP Silicon Rectifiers
TF1S SECOS-TF1S Datasheet
209Kb / 2P
   Voltage 100V ~ 1000V 1.0 Amp Surface Mount Bridge Rectifiers
S1GVB20-C SECOS-S1GVB20-C Datasheet
204Kb / 2P
   Voltage 200V ~ 800V 1.0 Amp Glass Passivited Bridge Rectifiers
SCD4003 SECOS-SCD4003 Datasheet
476Kb / 2P
   VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Rectifier
SCD5393 SECOS-SCD5393 Datasheet
469Kb / 2P
   VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Rectifier
SCD5393S SECOS-SCD5393S Datasheet
484Kb / 2P
   VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Rectifier
TB151S SECOS-TB151S Datasheet
94Kb / 1P
   Voltage 50V ~ 1000V 1.5 Amp Silicon Bridge Rectifiers
1N4001G SECOS-1N4001G Datasheet
144Kb / 2P
   VOLTAGE 50V ~ 1000V 1.0 AMP Glass Passivated Silicon Rectifiers
EBS101 SECOS-EBS101_15 Datasheet
235Kb / 2P
   1.0 Amp Silicon Bridge Rectifiers
MB10M SECOS-MB10M Datasheet
145Kb / 2P
   1000V 1.0 Amp Miniature SMD Glass Passivated Bridge Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com