Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2KBP Datasheet (PDF) - Vishay Siliconix

2KBP Datasheet PDF - Vishay Siliconix
Part # 2KBP_12
Download  2KBP Download

File Size   114.5 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Phase Rectifier Bridge, 2 A

2KBP Datasheet (PDF)

Go To PDF Page Download Datasheet
2KBP Datasheet PDF - Vishay Siliconix

Part # 2KBP_12
Download  2KBP Click to download

File Size   114.5 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Phase Rectifier Bridge, 2 A

2KBP Datasheet (HTML) - Vishay Siliconix

2KBP_12 Datasheet HTML 1Page - Vishay Siliconix 2KBP_12 Datasheet HTML 2Page - Vishay Siliconix 2KBP_12 Datasheet HTML 3Page - Vishay Siliconix 2KBP_12 Datasheet HTML 4Page - Vishay Siliconix 2KBP_12 Datasheet HTML 5Page - Vishay Siliconix



Similar Part No. - 2KBP_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2KBP01 FAIRCHILD-2KBP01 Datasheet
42Kb / 3P
   2.0 Ampere Bridge Rectifiers
logo
International Rectifier
2KBP01 IRF-2KBP01 Datasheet
47Kb / 3P
   2A single phase rectifier bridge
logo
EIC discrete Semiconduc...
2KBP01 EIC-2KBP01 Datasheet
51Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
2KBP01 MCC-2KBP01 Datasheet
279Kb / 3P
   2.0 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
2KBP01 MCC-2KBP01 Datasheet
211Kb / 3P
   2.0 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Similar Description - 2KBP_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2KBP10M-E4 VISHAY-2KBP10M-E4 Datasheet
112Kb / 5P
   Single Phase Rectifier Bridge, 2 A
Revision: 17-Jun-08
VS-2KBP VISHAY-VS-2KBP Datasheet
117Kb / 5P
   Single Phase Bridge Rectifier, 2 A
Revision: 22-Dec-16
2KBP VISHAY-2KBP_08 Datasheet
105Kb / 4P
   Single Phase Rectifier Bridge, 2 A
Revision: 17-Jun-08
VS-2KBP VISHAY-VS-2KBP_V02 Datasheet
116Kb / 5P
   Single Phase Bridge Rectifier, 2 A
01-Jan-2023
VS-2KBP VISHAY-VS-2KBP_V01 Datasheet
116Kb / 5P
   Single Phase Bridge Rectifier, 2 A
01-Jan-2022
VS-1KAB-E VISHAY-VS-1KAB-E_V01 Datasheet
112Kb / 5P
   Single Phase Rectifier Bridge, 1.2 A
01-Jan-2022
VS-KBPC8 VISHAY-VS-KBPC8_V02 Datasheet
118Kb / 4P
   Single Phase Rectifier Bridge, 8 A
01-Jan-2023
KBPC8 VISHAY-KBPC8 Datasheet
100Kb / 3P
   Single Phase Rectifier Bridge, 8 A
Revision: 29-Sep-08
KBPC810PBF VISHAY-KBPC810PBF Datasheet
109Kb / 4P
   Single Phase Rectifier Bridge, 8 A
Revision: 29-Sep-08
VS-KBPC8 VISHAY-VS-KBPC8_V01 Datasheet
119Kb / 4P
   Single Phase Rectifier Bridge, 8 A
01-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com