Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2KBB80 Datasheet (PDF) - Vishay Siliconix

2KBB80 Datasheet PDF - Vishay Siliconix
Part # 2KBB80
Download  2KBB80 Download

File Size   92.9 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Phase Rectifier Bridge, 1.9 A

2KBB80 Datasheet (PDF)

Go To PDF Page Download Datasheet
2KBB80 Datasheet PDF - Vishay Siliconix

Part # 2KBB80
Download  2KBB80 Click to download

File Size   92.9 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Phase Rectifier Bridge, 1.9 A

2KBB80 Datasheet (HTML) - Vishay Siliconix

2KBB80 Datasheet HTML 1Page - Vishay Siliconix 2KBB80 Datasheet HTML 2Page - Vishay Siliconix 2KBB80 Datasheet HTML 3Page - Vishay Siliconix 2KBB80 Datasheet HTML 4Page - Vishay Siliconix 2KBB80 Datasheet HTML 5Page - Vishay Siliconix



Similar Part No. - 2KBB80

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2KBB80 IRF-2KBB80 Datasheet
67Kb / 3P
   1.9A single phase rectifier bridge
2KBB80 IRF-2KBB80 Datasheet
66Kb / 3P
   2KBB SERIES 1.9A single phase rectifier bridge
logo
Vishay Siliconix
2KBB80 VISHAY-2KBB80 Datasheet
82Kb / 4P
   Single Phase Rectifier Bridge, 1.9 A
Revision: 17-Jun-08
logo
International Rectifier
2KBB80R IRF-2KBB80R Datasheet
66Kb / 3P
   2KBB SERIES 1.9A single phase rectifier bridge
More results


Similar Description - 2KBB80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-2KBB VISHAY-VS-2KBB_V01 Datasheet
110Kb / 5P
   Single Phase Rectifier Bridge, 1.9 A
01-Jan-2022
VS-2KBB VISHAY-VS-2KBB_V02 Datasheet
109Kb / 5P
   Single Phase Rectifier Bridge, 1.9 A
01-Jan-2023
VS-2KBB VISHAY-VS-2KBB Datasheet
117Kb / 5P
   Single Phase Rectifier Bridge, 1.9 A
Revision: 26-Aug-14
2KBB VISHAY-2KBB Datasheet
82Kb / 4P
   Single Phase Rectifier Bridge, 1.9 A
Revision: 17-Jun-08
2KBP10M-E4 VISHAY-2KBP10M-E4 Datasheet
112Kb / 5P
   Single Phase Rectifier Bridge, 2 A
Revision: 17-Jun-08
VS-1KAB-E VISHAY-VS-1KAB-E_V01 Datasheet
112Kb / 5P
   Single Phase Rectifier Bridge, 1.2 A
01-Jan-2022
VS-KBPC8 VISHAY-VS-KBPC8_V02 Datasheet
118Kb / 4P
   Single Phase Rectifier Bridge, 8 A
01-Jan-2023
VS-2KBP VISHAY-VS-2KBP Datasheet
117Kb / 5P
   Single Phase Bridge Rectifier, 2 A
Revision: 22-Dec-16
KBPC8 VISHAY-KBPC8 Datasheet
100Kb / 3P
   Single Phase Rectifier Bridge, 8 A
Revision: 29-Sep-08
2KBP VISHAY-2KBP_08 Datasheet
105Kb / 4P
   Single Phase Rectifier Bridge, 2 A
Revision: 17-Jun-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com