Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R6008ANX Datasheet (PDF) - Rohm

R6008ANX Datasheet PDF - Rohm
Part # R6008ANX_12
Download  R6008ANX Download

File Size   1009.65 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 600V 8A Power MOSFET

R6008ANX Datasheet (PDF)

Go To PDF Page Download Datasheet
R6008ANX Datasheet PDF - Rohm

Part # R6008ANX_12
Download  R6008ANX Click to download

File Size   1009.65 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 600V 8A Power MOSFET

R6008ANX Datasheet (HTML) - Rohm

Back Button R6008ANX_12 Datasheet HTML 1Page - Rohm R6008ANX_12 Datasheet HTML 2Page - Rohm R6008ANX_12 Datasheet HTML 3Page - Rohm R6008ANX_12 Datasheet HTML 4Page - Rohm R6008ANX_12 Datasheet HTML 5Page - Rohm R6008ANX_12 Datasheet HTML 6Page - Rohm R6008ANX_12 Datasheet HTML 7Page - Rohm R6008ANX_12 Datasheet HTML 8Page - Rohm R6008ANX_12 Datasheet HTML 9Page - Rohm R6008ANX_12 Datasheet HTML 10Page - Rohm Next Button 



Similar Part No. - R6008ANX_12

ManufacturerPart #DatasheetDescription
logo
Rohm
R6008ANX ROHM-R6008ANX Datasheet
265Kb / 6P
   10V Drive Nch MOSFET
More results


Similar Description - R6008ANX_12

ManufacturerPart #DatasheetDescription
logo
Rohm
R6008MND3 ROHM-R6008MND3 Datasheet
2Mb / 14P
   Nch 600V 8A Power MOSFET
RD3L080SN ROHM-RD3L080SN Datasheet
2Mb / 16P
   Nch 60V 8A Power MOSFET
R8008ANJFRG ROHM-R8008ANJFRG Datasheet
1Mb / 14P
   Nch 800V 8A Power MOSFET
RD3U080CN ROHM-RD3U080CN Datasheet
2Mb / 15P
   Nch 250V 8A Power MOSFET
RD3L080SNFRA ROHM-RD3L080SNFRA Datasheet
2Mb / 15P
   Nch 60V 8A Power MOSFET
R8008ANJ ROHM-R8008ANJ Datasheet
951Kb / 14P
   Nch 800V 8A Power MOSFET
ZDX080N50 ROHM-ZDX080N50 Datasheet
626Kb / 12P
   Nch 500V 8A Power MOSFET
RD3U080AAFRA ROHM-RD3U080AAFRA Datasheet
1Mb / 14P
   Nch 250V 8A Power MOSFET
RF4E080GN ROHM-RF4E080GN Datasheet
2Mb / 11P
   Nch 30V 8A Middle Power MOSFET
RQ3E080BN ROHM-RQ3E080BN Datasheet
2Mb / 12P
   Nch 30V 8A Middle Power MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com