Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTPA200 Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

SMTPA200 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # SMTPA200
Download  SMTPA200 Download

File Size   346.42 Kbytes
Page   6 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V

SMTPA200 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMTPA200 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # SMTPA200
Download  SMTPA200 Click to download

File Size   346.42 Kbytes
Page   6 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V

SMTPA200 Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited

SMTPA200 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMTPA200 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMTPA200 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMTPA200 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMTPA200 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMTPA200 Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited



Similar Part No. - SMTPA200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTPA200 STMICROELECTRONICS-SMTPA200 Datasheet
61Kb / 5P
   TRISILETM
SMTPA200 STMICROELECTRONICS-SMTPA200 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMTPA200 STMICROELECTRONICS-SMTPA200 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
logo
Frontier Electronics.
SMTPA200 FRONTIER-SMTPA200 Datasheet
123Kb / 4P
   TELECOM EQUIPMENT PROTECTION竊숿RISILTM
logo
Shenzhen Luguang Electr...
SMTPA200 LUGUANG-SMTPA200 Datasheet
529Kb / 6P
   Telecommunication Protection
More results


Similar Description - SMTPA200

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SMTPB BILIN-SMTPB Datasheet
281Kb / 4P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
Shenzhen Luguang Electr...
SMTPA68 LUGUANG-SMTPA68 Datasheet
529Kb / 6P
   Telecommunication Protection
TPA62 LUGUANG-TPA62 Datasheet
2Mb / 4P
   Telecommunication Protection
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
   Breakdown voltage range: 220 V
logo
Nais(Matsushita Electri...
DSBT NAIS-DSBT Datasheet
75Kb / 3P
   4,000 V BREAKDOWN VOLTAGE DS RELAYS
logo
Chongqing Pingwei Enter...
STPA62 CHONGQING-STPA62 Datasheet
34Kb / 1P
   SOLID STATE TELECOMMUNICATION PROTECTION ARRESTOR
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
   Trisil for telecommunication equipment protection
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com