Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAUSB42 Datasheet (PDF) - Protek Devices

PAUSB42 Datasheet PDF - Protek Devices
Part # PAUSB42
Download  PAUSB42 Download

File Size   164.28 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description LoPro??DPDT USB2.0 (480Mbps) Switch

PAUSB42 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAUSB42 Datasheet PDF - Protek Devices

Part # PAUSB42
Download  PAUSB42 Click to download

File Size   164.28 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description LoPro??DPDT USB2.0 (480Mbps) Switch

PAUSB42 Datasheet (HTML) - Protek Devices

PAUSB42 Datasheet HTML 1Page - Protek Devices PAUSB42 Datasheet HTML 2Page - Protek Devices PAUSB42 Datasheet HTML 3Page - Protek Devices PAUSB42 Datasheet HTML 4Page - Protek Devices PAUSB42 Datasheet HTML 5Page - Protek Devices PAUSB42 Datasheet HTML 6Page - Protek Devices




Similar Description - PAUSB42

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA2983 PROTEC-PA2983 Datasheet
163Kb / 6P
   LoPro??DPDT USB2.0 Switch
PA2070 PROTEC-PA2070 Datasheet
110Kb / 6P
   LoPro??DPDT 400MHz Switch
PAM23LOPR42 PROTEC-PAM23LOPR42_15 Datasheet
295Kb / 6P
   USB2.0(480MBPS)SWITCH
logo
AiT Semiconductor Inc.
A4730 AITSEMI-A4730 Datasheet
698Kb / 13P
   DPDT ANALOG SWITCH LOW-POWER, TWO-PORT, HIGH-SPEED, USB2.0 (480Mbps)
REV1.0
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23_08 Datasheet
768Kb / 10P
   High-Speed, USB2.0 (480Mbps) Switch
logo
AiT Semiconductor Inc.
A4732 AITSEMI-A4732 Datasheet
569Kb / 13P
   DPDT ANALOG SWITCH LOW-POWER, TWO-PORT, HIGH-SPEED, USB2.0 (480Mbps)
REV2.0
logo
MagnaChip Semiconductor...
MSI2001 MGCHIP-MSI2001 Datasheet
393Kb / 12P
   USB2.0 High-Speed (480Mbps) Analog Switch
logo
KEC(Korea Electronics)
KUSB50QN KEC-KUSB50QN Datasheet
148Kb / 10P
   HIGH-SPEED USB2.0 DPDT SWITCH
logo
Will Semiconductor Ltd.
WAS7227Q WILLSEMI-WAS7227Q Datasheet
688Kb / 9P
   USB High speed (480Mbps), DPDT Analog Switch
WAS7222Q WILLSEMI-WAS7222Q Datasheet
682Kb / 9P
   USB High speed (480Mbps), DPDT Analog Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com