Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP100N04PUK-E1-AY Datasheet (PDF) - Renesas Technology Corp

NP100N04PUK-E1-AY Datasheet PDF - Renesas Technology Corp
Part # NP100N04PUK-E1-AY
Download  NP100N04PUK-E1-AY Download

File Size   231.81 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT TRANSISTOR

NP100N04PUK-E1-AY Datasheet (PDF)

Go To PDF Page Download Datasheet
NP100N04PUK-E1-AY Datasheet PDF - Renesas Technology Corp

Part # NP100N04PUK-E1-AY
Download  NP100N04PUK-E1-AY Click to download

File Size   231.81 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT TRANSISTOR

NP100N04PUK-E1-AY Datasheet (HTML) - Renesas Technology Corp

NP100N04PUK-E1-AY Datasheet HTML 1Page - Renesas Technology Corp NP100N04PUK-E1-AY Datasheet HTML 2Page - Renesas Technology Corp NP100N04PUK-E1-AY Datasheet HTML 3Page - Renesas Technology Corp NP100N04PUK-E1-AY Datasheet HTML 4Page - Renesas Technology Corp NP100N04PUK-E1-AY Datasheet HTML 5Page - Renesas Technology Corp NP100N04PUK-E1-AY Datasheet HTML 6Page - Renesas Technology Corp NP100N04PUK-E1-AY Datasheet HTML 7Page - Renesas Technology Corp NP100N04PUK-E1-AY Datasheet HTML 8Page - Renesas Technology Corp

NP100N04PUK-E1-AY Product details

Description
The NP100N04PUK is N-channel MOS Field Effect Transistor designed for high current switching applications.

Features
• Super low on-state resistance
   RDS(on) = 2.3 mΩ MAX. ( VGS = 10 V, ID = 50 A )
• Low Ciss: Ciss = 4700 pF TYP. ( VDS = 25 V )
• Designed for automotive application and AEC-Q101 qualified




Similar Part No. - NP100N04PUK-E1-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP100N04PUK-E1-AY RENESAS-NP100N04PUK-E1-AY Datasheet
823Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
May 24, 2018
More results


Similar Description - NP100N04PUK-E1-AY

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com