Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL-440M Datasheet (PDF) - Siemens Semiconductor Group

DL-440M Datasheet PDF - Siemens Semiconductor Group
Part # DL-440M
Download  DL-440M Download

File Size   463.44 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Seven Segment Magnified Monolithic Display 2.8mm/3.8mm

DL-440M Datasheet (PDF)

Go To PDF Page Download Datasheet
DL-440M Datasheet PDF - Siemens Semiconductor Group

Part # DL-440M
Download  DL-440M Click to download

File Size   463.44 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Seven Segment Magnified Monolithic Display 2.8mm/3.8mm

DL-440M Datasheet (HTML) - Siemens Semiconductor Group

DL-440M Datasheet HTML 1Page - Siemens Semiconductor Group DL-440M Datasheet HTML 2Page - Siemens Semiconductor Group DL-440M Datasheet HTML 3Page - Siemens Semiconductor Group DL-440M Datasheet HTML 4Page - Siemens Semiconductor Group

DL-440M Product details

Seven Segment Magnified Monolithic Display 2.8mm(11")/3.8mm(15")




Similar Part No. - DL-440M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-4038-021 SANYO-DL-4038-021 Datasheet
78Kb / 3P
   High Power AlGalnP Laser Diode
DL-4038-025 SANYO-DL-4038-025 Datasheet
68Kb / 3P
   High Power AlGaInP Laser Diode
DL-4039-011 SANYO-DL-4039-011 Datasheet
78Kb / 3P
   Index Guided AlGalnP Laser Diode
logo
Roithner LaserTechnik G...
DL-4146-101S ROITHNER-DL-4146-101S Datasheet
113Kb / 1P
   Short wavelength: 405nm Low threshold current:lth 28mA package 05.6mm with PD
DL-4146-301S ROITHNER-DL-4146-301S Datasheet
141Kb / 2P
   Shot wavelength: 405nm Low threshold current lth 26mA Package 5.6mm
More results


Similar Description - DL-440M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
DL330M SIEMENS-DL330M Datasheet
464Kb / 4P
   SEVEN SEGMENT MAGNIFIED MONOLITHIC DISPLAY
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
   Seven Segment Display
logo
Siemens Semiconductor G...
HD1105 SIEMENS-HD1105 Datasheet
645Kb / 6P
   SEVEN SEGMENT DISPLAY 10mm
logo
Micro Electronics
MU1231A-C MICRO-ELECTRONICS-MU1231A-C Datasheet
88Kb / 2P
   SEVEN SEGMENT NUMERIC DISPLAY
logo
List of Unclassifed Man...
5611-BSR ETC2-5611-BSR Datasheet
60Kb / 2P
   Seven segment LED display
logo
Siemens Semiconductor G...
HD1131 SIEMENS-HD1131 Datasheet
644Kb / 6P
   SEVEN SEGMENT DISPLAY 13MM
logo
LUMEX INC.
LDS-A404RU LUMEX-LDS-A404RU Datasheet
123Kb / 1P
   RED, SEVEN SEGMENT DISPLAY
LDS-A403RI LUMEX-LDS-A403RI Datasheet
45Kb / 1P
   YELLOW SEVEN SEGMENT DISPLAY
logo
Siemens Semiconductor G...
HD1075 SIEMENS-HD1075 Datasheet
648Kb / 6P
   Seven Segment display 7mm
logo
Kingbright Corporation
SA50-21GWA KINGBRIGHT-SA50-21GWA Datasheet
90Kb / 3P
   14.2mm (0.50INCH) SEVEN SEGMENT DISPLAY
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com