Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3118160BSJ-70 Datasheet (PDF) - Siemens Semiconductor Group

HYB3118160BSJ-70 Datasheet PDF - Siemens Semiconductor Group
Part # HYB3118160BSJ-70
Download  HYB3118160BSJ-70 Download

File Size   258.12 Kbytes
Page   25 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 1M x 16-Bit Dynamic RAM 1k & 4k -Refresh

HYB3118160BSJ-70 Datasheet (PDF)

Go To PDF Page Download Datasheet
HYB3118160BSJ-70 Datasheet PDF - Siemens Semiconductor Group

Part # HYB3118160BSJ-70
Download  HYB3118160BSJ-70 Click to download

File Size   258.12 Kbytes
Page   25 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 1M x 16-Bit Dynamic RAM 1k & 4k -Refresh

HYB3118160BSJ-70 Datasheet (HTML) - Siemens Semiconductor Group

Back Button HYB3118160BSJ-70 Datasheet HTML 1Page - Siemens Semiconductor Group HYB3118160BSJ-70 Datasheet HTML 2Page - Siemens Semiconductor Group HYB3118160BSJ-70 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3118160BSJ-70 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3118160BSJ-70 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3118160BSJ-70 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3118160BSJ-70 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3118160BSJ-70 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3118160BSJ-70 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3118160BSJ-70 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button 

HYB3118160BSJ-70 Product details

The HYB 3116(8)160BSJ/BST is a 16 MBit dynamic RAM organized as 1 048 576 words by 16 bits.
The HYB 3116(8)160BSJ/BST utilizes a submicron CMOS silicon gate process technology, as well as advanced circuit techniques to provide wide operating margins, both internally and for the system user. Multiplexed address inputs permit the HYB 3116(8)160BSJ/BST to be packaged in standard SOJ-42 and TSOPII-50/44 plastic package with 400mil width. These packages provide high system bit densities and are compatible with commonly used automatic testing and insertion equipment.

Advanced Information
• 1 048 576 words by 16-bit organization
• 0 to 70 °C operating temperature
• Performance:
• Single + 3.3 V (± 0.3 V) supply
• Low power dissipation
    max. 720 active mW ( HYB3118160BSJ/BST-50)
    max. 648 active mW ( HYB3118160BSJ/BST-60)
    max. 576 active mW ( HYB3118160BSJ/BST-70)
    max. 360 active mW ( HYB3116160BSJ/BST-50)
    max. 324 active mW ( HYB3116160BSJ/BST-60)
    max. 288 active mW ( HYB3116160BSJ/BST-70)
    7.2 mW standby (LV-TTL)
    3.6 mW standby (LV-CMOS)
    720 µW standby for L-version
• Output unlatched at cycle end allows two-dimensional chip selection
• Read, write, read-modify-write, CAS-before-RAS refresh, RAS-only refresh, hidden refresh, self refresh
• Fast page mode capability
• 2 CAS / 1 WE
• All inputs, outputs and clocks fully LV-TTL-compatible
• 1024 refresh cycles / 16 ms for HYB 3118160BSJ
• 4096 refresh cycles / 64 ms for HYB 3116160BSJ
• Plastic Package: P-SOJ-42-1 400 mil P-TSOPII-50/44-1 400mil




Similar Part No. - HYB3118160BSJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3118160BSJ-50 SIEMENS-HYB3118160BSJ-50 Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB3118160BSJ-60 SIEMENS-HYB3118160BSJ-60 Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
More results


Similar Description - HYB3118160BSJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116165BSJ-50- SIEMENS-HYB5116165BSJ-50- Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5116405BJ-50- SIEMENS-HYB5116405BJ-50- Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116405BJBT-50- SIEMENS-HYB5116405BJBT-50- Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5116400BJ-50-60 SIEMENS-HYB5116400BJ-50-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com