Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM72V4000GS-60 Datasheet (PDF) - Siemens Semiconductor Group

HYM72V4000GS-60 Datasheet PDF - Siemens Semiconductor Group
Part # HYM72V4000GS-60
Download  HYM72V4000GS-60 Download

File Size   68.31 Kbytes
Page   11 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 4M x 72-Bit Dynamic RAM Module

HYM72V4000GS-60 Datasheet (PDF)

Go To PDF Page Download Datasheet
HYM72V4000GS-60 Datasheet PDF - Siemens Semiconductor Group

Part # HYM72V4000GS-60
Download  HYM72V4000GS-60 Click to download

File Size   68.31 Kbytes
Page   11 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 4M x 72-Bit Dynamic RAM Module

HYM72V4000GS-60 Datasheet (HTML) - Siemens Semiconductor Group

Back Button HYM72V4000GS-60 Datasheet HTML 1Page - Siemens Semiconductor Group HYM72V4000GS-60 Datasheet HTML 2Page - Siemens Semiconductor Group HYM72V4000GS-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYM72V4000GS-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYM72V4000GS-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYM72V4000GS-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYM72V4000GS-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYM72V4000GS-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYM72V4000GS-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYM72V4000GS-60 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button 

HYM72V4000GS-60 Product details

4M × 72-Bit Dynamic RAM Module (ECC - Module )

The HYM 72V4000/10GS-50/-60 is a 32 MByte DRAM module organized as 4 194 430 words by 72-bit in a 168-pin, dual read-out, single-in-line package comprising eighteen HYB 3116400BT/BJ 4M × 4 DRAMs in 300 mil wide TSOPII or SOJ- packages mounted together with ceramic decoupling capacitors on a PC board. All inputs except RAS and DQ are buffered by using BiCMOS buffers/line drivers.

• 168 pin 4 194 304 words by 72-bit ECC - mode organization for PC main memory applications
• Fast access and cycle time
   50 ns access time
   90 ns cycle time (-50 version)
   60 ns access time
   110 ns cycle time (-60 version)
• Fast page mode capability with
   35 ns cycle time (-50 version)
   40 ns cycle time (-60 version)
• Single + 3.3V (± 0.3V) supply
• Low power dissipation
   max. 6480 mW active (-50 version)
   max. 5832 mW active (-60 version)
   CMOS – 108 mW standby
   LVTTL – 180 mW standby
• CAS-before-RAS refresh, RAS-only-refresh
• Decoupling capacitors mounted on substrate
• All inputs, outputs and clock fully LVTTL & LVCMOS compatible
• 4 Byte interleave enabled, Dual Address inputs (A0/B0)
• Buffered inputs excepts RAS and DQ
• 168 pin, dual read-out, Single in-Line Memory Module
• Utilizes eighteen 4M × 4 -DRAMs and four BiCMOS 8-bit buffers/line drivers LV244A
• Two versions : HYM 72V4000GS with TSOPII-components (4 mm thickness)
                           HYM 72V4010GS with SOJ-components (9 mm thickness)
• 4096 refresh cycles / 64 ms with 12 / 10 addressing
• Gold contact pad
• Double sided module with 25.35 mm (1000 mil) height




Similar Part No. - HYM72V4000GS-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V4005GS-50 SIEMENS-HYM72V4005GS-50 Datasheet
70Kb / 11P
   4M x 72-Bit EDO-DRAM Module
HYM72V4005GS-50- SIEMENS-HYM72V4005GS-50- Datasheet
70Kb / 11P
   4M x 72-Bit EDO-DRAM Module
HYM72V4005GS-60 SIEMENS-HYM72V4005GS-60 Datasheet
70Kb / 11P
   4M x 72-Bit EDO-DRAM Module
HYM72V4005GU-50 SIEMENS-HYM72V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYM72V4005GU-60 SIEMENS-HYM72V4005GU-60 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
More results


Similar Description - HYM72V4000GS-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM724000GS-50- SIEMENS-HYM724000GS-50- Datasheet
74Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
HYM364020S SIEMENS-HYM364020S Datasheet
53Kb / 10P
   4M x 36-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM72V1600GS-50- SIEMENS-HYM72V1600GS-50- Datasheet
77Kb / 22P
   16M x 72-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com